Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-SL112M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3T-SL112M
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-SL112M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3T-SL112M Datasheet HTML 1Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 2Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 3Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 4Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 5Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 6Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 7Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 8Page - Omron Electronics LLC E3T-SL112M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
E3T
Ordering Information
Sensors [Refer to Dimensions on page 14.]
Red light
Infrared light
M2-mounting Sensors
A set of mounting screws is included with the Sensor.
M3-mounting Sensors
A set of mounting screws is not included with the Sensor. Order a Screw Set separately if required.
Small Cylindrical Sensors
A set of mounting nuts is included with the Sensor.
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. The model number of the Emitter is expressed by adding an ”L” to the set model number in the table. Example: E3T-ST11-L 2M
The model number of the Receiver is expressed by adding a “D” to the set model number in the table. Example: E3T-ST11-D 2M
Orders for individual Emitters and Receivers are accepted. (Modifications are required for some models.)
*3. Models are available either with or without the E39-R37-CA Reflector included.
Models with E39-R37-CA Reflector. E3T-SR4
@-S
Models without Reflector. E3T-SR4
@-C
Sensing method
Appearance
Sensing distance
Operation mode
Model
NPN output
PNP output
Through-beam
Emitter
+
Receiver
Light-ON
E3T-ST31 2M
E3T-ST33 2M
Dark-ON
E3T-ST32 2M
E3T-ST34 2M
Light-ON
E3T-ST11 2M
E3T-ST13 2M
Dark-ON
E3T-ST12 2M
E3T-ST14 2M
Light-ON
E3T-ST21 2M
E3T-ST23 2M
Dark-ON
E3T-ST22 2M
E3T-ST24 2M
Light-ON
E3T-FT11 2M
E3T-FT13 2M
Dark-ON
E3T-FT12 2M
E3T-FT14 2M
Light-ON
E3T-FT21 2M
E3T-FT23 2M
Dark-ON
E3T-FT22 2M
E3T-FT24 2M
Retro-
reflective
Light-ON
E3T-SR41 2M*3
E3T-SR43 2M*3
Dark-ON
E3T-SR42 2M*3
E3T-SR44 2M*3
Diffuse-
reflective
Light-ON
E3T-FD11 2M
E3T-FD13 2M
Dark-ON
E3T-FD12 2M
E3T-FD14 2M
Convergent-
reflective
Light-ON
E3T-SL11 2M
E3T-SL13 2M
Dark-ON
E3T-SL12 2M
E3T-SL14 2M
Light-ON
E3T-SL21 2M
E3T-SL23 2M
Dark-ON
E3T-SL22 2M
E3T-SL24 2M
BGS-
reflective
Light-ON
E3T-FL11 2M
E3T-FL13 2M
Dark-ON
E3T-FL12 2M
E3T-FL14 2M
Light-ON
E3T-FL21 2M
E3T-FL23 2M
Dark-ON
E3T-FL22 2M
E3T-FL24 2M
(
)
*2
2 m
(Sensitivity Adjustment
Unit can be used.)
1 m
(Sensitivity Adjustment
Unit can be used.)
300 mm
500 mm
300 mm
Using the E39-R4 Reflector
provided 200 mm [30 mm] *1
Using the E39-R37-CA
100 mm [10 mm] *1
5 to 30 mm
5 to 15 mm
5 to 30 mm
1 to 15 mm
1 to 30 mm
Sensing method
Appearance
Sensing distance
Operation mode
Model
NPN output
PNP output
Through-beam
Emitter
+
Receiver
Light-ON
E3T-ST11M 2M
E3T-ST13M 2M
Dark-ON
E3T-ST12M 2M
E3T-ST14M 2M
Light-ON
E3T-ST21M 2M
E3T-ST23M 2M
Dark-ON
E3T-ST22M 2M
E3T-ST24M 2M
Diffuse-
reflective
Light-ON
E3T-FD11M 2M
E3T-FD13M 2M
Dark-ON
E3T-FD12M 2M
E3T-FD14M 2M
Convergent-
reflective
Light-ON
E3T-SL11M 2M
E3T-SL13M 2M
Dark-ON
E3T-SL12M 2M
E3T-SL14M 2M
Light-ON
E3T-SL21M 2M
E3T-SL23M 2M
Dark-ON
E3T-SL22M 2M
E3T-SL24M 2M
(
)
*2
1 m
300 mm
5 to 30 mm
5 to 15 mm
5 to 30 mm
Sensing method
Appearance
Sensing distance
Operation mode
Model
NPN output
PNP output
Through-beam
Emitter
+
Receiver
Light-ON
---
---
Dark-ON
E3T-CT12 2M
E3T-CT14 2M
Light-ON
---
---
Dark-ON
E3T-CT22S 2M
E3T-CT24S 2M
Diffuse-
reflective
(with adjuster)
Light-ON
E3T-CD11 2M
E3T-CD13 2M
Dark-ON
---
---
(
)
1 m
500 mm
3 to 50 mm


Similar Part No. - E3T-SL112M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-SL112M OMRON-E3T-SL112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
More results

Similar Description - E3T-SL112M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com