Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-SL11M2M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3T-SL11M2M
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-SL11M2M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3T-SL11M2M Datasheet HTML 1Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 2Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 3Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 4Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 5Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 6Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 7Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 8Page - Omron Electronics LLC E3T-SL11M2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
E3T
5
Accessories for M3-mounting Sensors These accessories are not included with the Sensor. Order them separately if required.
*1.When using Through-beam Sensors (E3T-ST@@M), order one bracket for the Emitter and one for the Receiver.
*2. This is the Screw Set for mounting the Sensor to the Mounting Bracket. Order this Set if you loose the screws. Do not use this Screw Set to mount the Mounting
Bracket to the equipment.
Accessories for Small Cylindrical Sensors
*1.This Nut Set is for the Emitter/Receiver. This is the Nut Set for mounting the Sensor. Order this Set if you loose the screws.
Accessories for All Sensors
*1.Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. The E3T-SR4@ cannot be used with the E39-R37 or E39-RS1/2/3 (without CA) Tape Reflectors.
The E39-
@-CA Reflector is for use only with the E3T-SR4@. It cannot be used with other Sensors.
Sensor I/O Connectors
(Models with Pre-wired Connectors: A Connector is not provided with the Sensor. Be sure to order a Connector separately.)
Note: When using Through-beam Sensors, order one connector for the Emitter and one for the Receiver.
Name
Applicable
Sensor
Model
Quantity
Dimensions
page
Remarks
Slits for Through-beam
Side-view Sensors
0.5
dia.
E3T-ST1
@M
E39-S76A
2
(One each for
Emitter and
Receiver)
19
Sensing distance 100 mm,
Minimum detectable object (typical) 0.5-mm dia.
E3T-ST2
@M
Sensing distance 30 mm,
Minimum detectable object (typical) 0.5-mm dia.
1 dia.
E3T-ST1
@M
E39-S76B
Sensing distance 300 mm,
Minimum detectable object (typical) 1-mm dia.
E3T-ST2
@M
Sensing distance 100 mm,
Minimum detectable object (typical) 1-mm dia.
Mounting Bracket for Side-view
Sensors *1
E3T-S
@@@M
E39-L166
122
Nut plate provided
Mounting Bracket for Flat Sensors
E3T-FD
@@M
E39-L167
---
Back-mounting Spacer for Flat Sen-
sors
E39-L168
Use this Spacer when mounting a Flat Sensor
(E3T-FD
@@M) from the back.
SUS Screw Set for Flat Sensors *2 E3T-FD
@@M
E39-L170
2
---
Material: SUS304
Contents: Bolt with hexagonal hole (M3
×6)
SUS Screw Set for Side-view Sen-
sors *1*2
E3T-S
@@@M
E39-L171
2 for each
Material: SUS304
Contents: Bolt with hexagonal hole (M3
×15), Hex-
agonal nuts, Spring washers, Flat washers
Name
Applicable
Sensor
Model
Quantity
Dimensions
Page
Remarks
SUS Nut Set for Through-beam
Sensors *1
E3T-CT
@@
E3T-CT
@@S
E39-M5
4 (Hexagonal
nuts),
2 (Toothed
washers)
---
Material: SUS303
(Same type as provided with the Sensor.)
SUS Nut Set for Diffuse-reflective
Sensors
E3T-CD
@@
E39-M6
2 (Hexagonal
nuts),
1(Toothed
washers)
Adjustment Driver for Diffuse-reflec-
tive Sensors
E39-G17
1
This Driver is used to turn the sensitivity adjuster.
Provided with E3T-CD
@@
Name
Applicable
Sensor
Model
Quantity
Dimensions
Page
Remarks
Small Reflectors
(for Retro-reflective Sensors)
E3T-SR4
@
E39-R4
1
18
Sensing distance 200 mm [30 mm] *1
Minimum detectable object 2-mm dia.
Provided with the E3T-SR4
@
E3T-SR4
@-S
E39-R37-CA *2
Sensing distance 100 mm [10 mm] *1
Minimum detectable object 2-mm dia.
Provided with the E3T-SR4
@-S
Tape Reflectors
(for Retro-reflective Sensors)
E3T-SR4
@-C
E39-RS1-CA *2
19
Sensing distance 100 mm [10 mm] *1
Minimum detectable object 2-mm dia.
Use Tape Reflectors in combination
with the E3T-SR4
@-C, which
does not come with a Reflector.
E39-RS2-CA *2
E39-RS3-CA *2
Size
Cable
Appearance
Cable type
Model
M12
(For -M1TJ models)
Standard
cable
2 m
4-wire
XS5F-D421-D80-A
5 m
XS5F-D421-G80-A
e-CON
2 m
E39-ECON2M
5 m
E39-ECON5M
0.5 to 1 m
E39-ECONW
@M
1.1 to 1.5 m
Replace
@ with the cable length in
0.1-m increments.
1.6 to 2 m
Straight
Connector on one end
Connector on both ends


Similar Part No. - E3T-SL11M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-SL11 OMRON-E3T-SL11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-SL11 OMRON-E3T-SL11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-SL11 OMRON-E3T-SL11 Datasheet
846Kb / 16P
   Subminiature Photoelectric Sensor
E3T-SL112M OMRON-E3T-SL112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
More results

Similar Description - E3T-SL11M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com