Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-ST13M2M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3T-ST13M2M
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST13M2M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3T-ST13M2M Datasheet HTML 7Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 8Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 9Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 10Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 11Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 12Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 13Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 14Page - Omron Electronics LLC E3T-ST13M2M Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
E3T
Small Cylindrical Sensors
Sensing Distance Characteristics of Sensitivity Adjustment Unit
(when Completing Optical Axis Adjustment)
E3T-FL2
@
E3T-ST1
@ + E39-E10 Sensitivity Adjustment Unit
E3T-ST3
@ + E39-E10 Sensitivity Adjustment Unit
Parallel Operating Range
Through-beam
E3T-CT1
@
E3T-CT2
@S (Top to Bottom)
E3T-CT2
@S (Right to Left)
Operating Range
Sensing Distance vs. Material
Diffuse-reflective
Diffuse-reflective
E3T-CD1
@
E3T-CD1
@
40
30
20
10
0
Material
Min
1/3
1/2
2/3
Max
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
E3T-ST3
@
E3T-ST1
@
Adjustment dial angle
80
60
40
20
0
−20
−40
−60
−80
0.25
0.5
0.75
1.0
1.25
1.5
1.75
Y
X
Distance X (m)
200
150
100
50
0
−50
−100
−150
−200
0.2
0.4
0.6
0.8
0.7
0.5
0.3
0.1
Y
X
Distance X (m)
200
150
100
50
0
−50
−100
−150
−200
0.2
0.4
0.6
0.8
0.7
0.5
0.3
0.1
Y
X
Distance X (m)
20
15
10
5
0
−5
−10
−15
−20
20
30
10
40
50
60
70
80
Y
X
Distance X (m)
Sensing object:
100 x 100 mm white paper
120
110
100
90
80
70
60
50
40
30
20
10
0
Material


Similar Part No. - E3T-ST13M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST13 OMRON-E3T-ST13 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST13 OMRON-E3T-ST13 Datasheet
846Kb / 16P
   Subminiature Photoelectric Sensor
E3T-ST132M OMRON-E3T-ST132M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
More results

Similar Description - E3T-ST13M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com