Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FD13M2M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3T-FD13M2M
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FD13M2M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3T-FD13M2M Datasheet HTML 3Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 4Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 5Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 6Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 7Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 8Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 9Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 10Page - Omron Electronics LLC E3T-FD13M2M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
E3T
7
*Only the Instruction Manual is included with an M3-mounting Sensor (E3T-FD@@M or E3T-SL@@M). Order the Set of Mounting Screws separately if required.
Sensing method
Diffuse-reflective
Convergent-reflective
BGS-reflective
Appearance
Item
Rectangular type (Flat)
Cylindrical type (Top-view)
Rectangular type (Side-view)
Rectangular type (Flat)
NPN
output
Light-ON
E3T-FD11
E3T-FD11M
E3T-CD11
E3T-SL11
E3T-SL11M
E3T-SL21
E3T-SL21M
E3T-FL11
E3T-FL21
Dark-ON
E3T-FD12
E3T-FD12M
---
E3T-SL12
E3T-SL12M
E3T-SL22
E3T-SL22M
E3T-FL12
E3T-FL22
PNP
output
Light-ON
E3T-FD13
E3T-FD13M
E3T-CD13
E3T-SL13
E3T-SL13M
E3T-SL23
E3T-SL23M
E3T-FL13
E3T-FL23
Dark-ON
E3T-FD14
E3T-FD14M
---
E3T-SL14
E3T-SL14M
E3T-SL24
E3T-SL24M
E3T-FL14
E3T-FL24
Sensing distance
5 to 30 mm
(50
× 50 mm white paper)
3 to 50 mm
(100
× 100 mm white paper)
5 to 15 mm
(50
× 50 mm
white paper)
5 to 30 mm
(50
× 50 mm
white paper)
1 to 15 mm
(50
× 50 mm
white paper)
1 to 30 mm
(50
× 50 mm
white paper)
Standard sensing object
---
Minimum detectable
object (typical)
0.15-mm dia.
(sensing distance 10 mm)
---
0.15-mm dia.
(sensing distance 10 mm)
0.15-mm dia. non-glossy object
(sensing distance 10 mm)
Hysteresis (white paper)
6 mm max.
15% or less of the sensing
distance
2 mm max.
6 mm max.
0.5 mm max.
2 mm max.
Black/white error
---
15% max.
Directional angle
---
Light source
(wavelength)
Red LED (650 nm)
Infrared LED (870 nm)
Red LED (650 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
20 mA max.
Control output
Load power supply voltage: 26.4
VDC max.
Load current: 50 mA max. (re-
sidual voltage: 2 V max. for load
current of 10 to 50 mA, 1 V max.
for load current of less than 10
mA)
Open-collector output
Load power supply voltage: 30
VDC max.
Load current: 80 mA max.
(residual voltage: 1 V max.)
Open-collector output
Load power supply voltage: 26.4 VDC max.
Load current: 50 mA max. (residual voltage: 2 V max. for load cur-
rent of 10 to 50 mA, 1 V max. for load current of less than 10 mA)
Open-collector output
Protection circuits
Power supply and control output
reverse polarity protection,
Output short-circuit protection,
Mutual interference prevention
Power supply reverse polarity
protection,
Output short-circuit protection
Power supply and control output reverse polarity protection,
Output short-circuit protection,
Mutual interference prevention
Response time
Operate or reset: 1 ms max.
Operate or reset: 0.5 ms max.
Operate or reset: 1 ms max.
Ambient illumination
Incandescent lamp: 5,000 lx
max., Sunlight: 10,000 lx max.
Incandescent lamp: 3,000 lx
max.
Incandescent lamp: 5,000 lx max., Sunlight: 10,000 lx max.
Ambient temperature
range
Operating:
−25 to +55°C
Storage:
−40 to +70°C
(with no icing or condensation)
Operating:
−25 to +55°C
Storage:
−30 to +70°C
(with no icing or condensation)
Operating:
−25 to +55°C
Storage:
−40 to +70°C
(with no icing or condensation)
Ambient humidity range
Operating: 35% to +85%
Storage: 35% to +95%
(with no condensation)
Operating or Storage: 35% to
+85% (with no condensation)
Operating: 35% to +85%
Storage: 35% to +95%
(with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min.
500 VAC, 50/60 Hz for 1 min.
1,000 VAC, 50/60 Hz for 1 min.
Vibration resistance
(destruction)
10 to 2,000 Hz,
1.5-mm double amplitude or
300 m/s2 for 0.5 hours each in X,
Y, and Z directions
10 to 55Hz, 1.5-mm double am-
plitude for 2 hours each in X, Y,
and Z directions
10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hours
each in X, Y, and Z directions
Shock resistance
(destruction)
1,000 m/s2 3 times each in X, Y,
and Z directions
500 m/s2 3 times each in X, Y,
and Z directions
1,000m/s2 3 times each in X, Y, and Z directions
Degree of protection
IP67 (IEC 60529)
IP65 (IEC 60529)
IP67 (IEC 60529)
Connection method
Pre-wired (standard length: 2 m)
Weight (packed state)
Approx. 20 g
Approx. 40 g
Approx. 20 g
Materi-
als
Case
PBT (polybutylene terephtha-
late)
SUS303
PBT (polybutylene terephthalate)
Display window Denatured polyarylate
Epoxy
Denatured polyarylate
Lens
Denatured polyarylate
Polysulfone
Denatured polyarylate
Hexagonal nuts ---
SUS303
---
Toothed wash-
ers
---
SUS303
---
Accessories *
Instruction manual, Phillips
screws(M2
× 8), Nuts, Spring
washers, Flat washers *
Instruction manual, Hexagonal
nuts, Toothed washers, Adjust-
ment driver
Instruction manual, Phillips
screws(M2
× 14), Nuts, Spring
washers, Flat washers *
Instruction manual, Phillips
screws(M2
× 8), Nuts, Spring
washers, Flat washers


Similar Part No. - E3T-FD13M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FD13 OMRON-E3T-FD13 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FD132M OMRON-E3T-FD132M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FD13N OMRON-E3T-FD13N Datasheet
846Kb / 16P
   Subminiature Photoelectric Sensor
More results

Similar Description - E3T-FD13M2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com