Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ0EB0J225M Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECJ0EB0J225M
Description  Multilayer Ceramic Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EB0J225M Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECJ0EB0J225M Datasheet HTML 1Page - Panasonic Semiconductor ECJ0EB0J225M Datasheet HTML 2Page - Panasonic Semiconductor ECJ0EB0J225M Datasheet HTML 3Page - Panasonic Semiconductor ECJ0EB0J225M Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EB0J225M Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EB0J225M Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
– EC7 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High Capacitance)
Rated VoltageDC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
B X7R X5R
B X7R X5R
B X7R X5R
X5R
1
±10 %(K)
or
±20 %(M)
ECJ3YB1E105
1.6
— ECJ3FB1C105
1.15
2.2
ECJ3YB1E225
1.6 ——
ECJ3YB1C225
1.6
— ECJ3YB1A225
1.6
4.7
ECJ3YB1E475
1.6 ——
ECJ3YB1C475
1.6 ——
ECJ3YB1A475
1.6 ——
ECJ3YB0J475
1.6
10
ECJ3YB1E106
1.6 ——
ECJ3YB1C106
1.6 ——
ECJ3YB1A106
1.6 ——
ECJDV50J106M 0.85✽✽
22
ECJ3YB1C226M 1.6 ——
ECJ3YB1A226M 1.6 ——
ECJDV50J226M 0.85✽✽
Rated VoltageDC 50 V
DC 25 V
DC 16 V
DC 10 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BY7R
BY7R
BY7R
BY7R
1
±10 %(K)
or
±20 %(M)
ECJ3YX1H105
1.6
ECJ3YB1E105
1.6
ECJ3FB1C105
1.15
2.2
ECJ3YB1C225
1.6
ECJ3YB1A225
1.6
4.7
ECJ3YX1C475
1.6
10
ECJ3YX1C106
1.6
Standard Products for EIA Size “1206”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R)
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T:±0.2 mm for no mark, L, W: ±0.15 mm / T: ±0.1 mm for “
✽” mark.
Standard packaging quantity of Packaging Style Code “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm): 2,000 pcs./reel
Avoid flow soldering.
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T: ±0.2 mm for no mark, L, W: ±0.15 mm / T: ±0.1 mm for “
✽” mark, L, W: ±0.2 mm / T: ±0.1 mm for “✽✽” mark.
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm) : 4,000 pcs./reel, “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm):
2,000 pcs./reel
Avoid flow soldering.
◆ High Temperature Series : Temperature Characteristic Code : B, X (Temperature Characteristics : B, Y7R)
Rated VoltageDC 50 V
DC 25 V
DC 16 V
DC 10 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
FF
Y5V
F
Y5V
F
Y5V
1
+80,
–20 %(Z)
ECJ3FF1H105Z 1.15
ECJ3FF1E105Z 1.15
ECJ3VF1C105Z 0.85
2.2
ECJ3FF1E225Z 1.15
ECJ3VF1C225Z 0.85
4.7
ECJ3FF1E475Z 1.15
ECJ3FF1C475Z 1.15
10
ECJ3YF1E106Z
1.6
ECJMFF1C106Z 1.15✽✽
ECJMFF1A106Z 1.15✽✽
22
ECJMFF1A226Z 1.15✽✽
Dimensional tolerance of L, W, T:±0.2 mm for no mark, L, W: ±0.15 mm / T: ±0.1 mm for “
✽” mark, L, W: ±0.2 mm / T: ±0.1 mm for “✽✽”.
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.15 mm): 3,000 pcs./reel, “Y” (T = 1.6 mm):
2,000 pcs./reel
Avoid flow soldering.
◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V)
02 Dec. 2008


Similar Part No. - ECJ0EB0J225M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECJ0EB0J225M PANASONICBATTERY-ECJ0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Panasonic Semiconductor
ECJ0EB0J225M PANASONIC-ECJ0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ0EB0J225M PANASONIC-ECJ0EB0J225M Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ0EB0J225M PANASONIC-ECJ0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ0EB0J225M PANASONIC-ECJ0EB0J225M Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results

Similar Description - ECJ0EB0J225M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB1E105K PANASONIC-ECJ-2FB1E105K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com