Electronic Components Datasheet Search |
|
ECEC1AA563DA Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
ECEC1AA563DA Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 7 page Panasonic Industrial Company Aluminum Electrolytic Capacitors 39 Design and specifications are subject to change without notice. Contact the factory or your sales representative for technical specifications before purchase and/or use. When safety concerns arise, please contact Panasonic immediately for technical consultation. TS-HA Standard Ratings (continued) Cap. (µF) 120Hz 10kHz~ 120Hz 20kHz 8200 22 x 35 2.70 3. 0.06 0.045 25 x 30 2.70 3. 0.06 0.045 30 x 25 2.70 3. 0.06 0.045 0000 22 x 40 3.00 3.45 0.05 0.039 25 x 35 3.00 3.45 0.05 0.039 30 x 30 3.00 3.45 0.05 0.039 2000 22 x 45 3.20 3.68 0.044 0.033 25 x 40 3.20 3.68 0.044 0.035 30 x 30 3.20 3.68 0.044 0.035 35 x 25 3.20 3.68 0.044 0.035 5000 25 x 45 3.60 4. 4 0.036 0.03 30 x 35 3.60 4. 4 0.036 0.03 35 x 30 3.60 4. 4 0.036 0.03 8000 25 x 50 3.90 4.49 0.030 0.027 30 x 40 3.90 4.49 0.030 0.027 35 x 35 3.90 4.49 0.030 0.027 22000 30 x 45 4.30 4.95 0.025 0.022 35 x 35 4.30 4.95 0.025 0.022 27000 35 x 45 4.80 5.52 0.02 0.0 9 33000 35 x 50 5.50 6.33 0.0 80.0 6 500 22 x 20 . 0 .27 0.287 0.2 6 2200 25 x 20 .40 .6 0. 96 0. 47 3300 22 x 25 .90 2. 90. 2 0.090 30 x 20 .70 .96 0. 3 0.098 3900 22 x 30 2.00 2.30 0. 0.083 4700 22 x 35 2.20 2.53 0.088 0.066 25 x 25 2.20 2.53 0.088 0.066 35 x 20 2.00 2.30 0.095 0.07 5600 22 x 35 2.40 2.76 0.074 0.056 25 x 30 2.40 2.76 0.074 0.056 30 x 25 2.40 2.76 0.074 0.056 6800 22 x 40 2.60 2.99 0.06 0.046 25 x 35 2.60 2.99 0.06 0.046 30 x 30 2.60 2.99 0.06 0.046 8200 22 x 50 2.90 3.34 0.05 0.038 25 x 40 2.90 3.34 0.05 0.038 30 x 30 2.90 3.34 0.05 0.038 35 x 25 2.90 3.34 0.05 0.038 0000 25 x 45 3.20 3.68 0.04 0.03 30 x 35 3.20 3.68 0.04 0.03 35 x 30 3.20 3.68 0.04 0.03 2000 25 x 50 3.50 4.03 0.035 0.026 30 x 40 3.50 4.03 0.035 0.026 35 x 30 3.50 4.03 0.035 0.026 5000 30 x 45 3.90 4.49 0.030 0.022 35 x 35 3.90 4.49 0.030 0.022 8000 35 x 40 4.30 4.95 0.028 0.02 22000 35 x 50 5.00 5.75 0.023 0.0 7 000 22 x 20 0.90 .04 0.265 0. 99 500 25 x 20 .20 .38 0. 77 0. 33 800 22 x 25 .50 .73 0. 29 0.097 2200 22 x 30 .70 .96 0. 05 0.079 30 x 20 .40 .6 0. 2 0.090 2700 22 x 30 .80 2.07 0.086 0.064 25 x 25 .80 2.07 0.086 0.064 3300 22 x 35 2.00 2.30 0.070 0.053 25 x 30 2.00 2.30 0.070 0.053 35 x 20 .70 .96 0.085 0.064 3900 22 x 40 2.20 2.53 0.064 0.048 25 x 35 2.20 2.53 0.064 0.048 30 x 25 2.20 2.53 0.064 0.048 4700 22 x 45 2.50 2.88 0.053 0.040 25 x 40 2.50 2.88 0.053 0.040 ECOS1VA153EA ECOS1VA183EA ECOS1VA223EA ECOS1HA102BL Max 105°C R.C. (Arms) 20°C ESR ( , max.) 50 VDC Working, 63 VDC Surge ECOS1HA152CL ECOS1HA222DL ECOS1HA272BA ECOS1HA392DA ECOS1HA392BA ECOS1HA392CA ECOS1VA123EA ECOS1VA332BA ECOS1VA332DL ECOS1VA392BA ECOS1VA562DA ECOS1VA682BA ECOS1VA682CA ECOS1VA682DA ECOS1VA822EA ECOS1VA822CA ECOS1VA472EL ECOS1VA562BA ECOS1EA822BA ECOS1EA822CA ECOS1VA153DA ECOS1VA152BL 35 VDC Working, 44 VDC Surge ECOS1VA222CL ECOS1VA103EA ECOS1VA123CA ECOS1VA123DA ECEC1EA153DA ECOS1EA183CA ECOS1EA183DA ECEC1EA822BA ECOS1EA123DA ECOS1EA123EA ECOS1EA153CA ECOS1EA223EA ECEC1EA153CA ECEC1EA153EA ECEC1EA183CA ECEC1EA183DA ECEC1EA183EA ECOS1EA183EA ECOS1HA222BA ECOS1HA272CA ECOS1HA182BA ECOS1HA332BA ECOS1EA223DA ECEC1VA103EA ECEC1EA103CA ECEC1EA103DA ECEC1EA123BA ECEC1EA123CA ECEC1VA472EL ECEC1VA562BA ECEC1VA472CA ECEC1VA152BL ECEC1VA183EA ECEC1HA332BA ECEC1HA392BA ECEC1HA102BL ECEC1HA152CL Size (mm) D x L 25 VDC Working, 32 VDC Surge (continued) 4.0mm Length Terminal 6.3mm Length Terminal ECOS1EA103DA ECOS1EA123BA ECOS1EA123CA ECEC1VA123EA ECEC1EA223DA ECEC1EA223EA ECEC1EA273EA ECEC1EA333EA ECOS1EA273EA ECOS1EA333EA ECEC1VA153DA ECEC1VA153EA ECEC1VA682CA ECEC1VA682DA ECEC1VA103CA ECEC1VA822CA ECEC1VA822DA ECEC1VA822EA ECEC1VA123CA ECEC1VA103DA ECEC1HA332CA ECOS1HA332EL ECEC1HA182BA ECEC1HA222BA ECEC1HA222DL ECEC1HA272BA ECEC1HA272CA ECEC1HA392CA ECEC1HA392DA ECEC1HA472BA ECEC1HA472CA ECOS1HA472CA Part numbers shown with 2 pins ECEC1VA223EA ECEC1VA123DA ECEC1VA222CL ECEC1VA332BA ECEC1VA332DL ECOS1HA472BA ECOS1HA332CA ECEC1HA332EL ECOS1EA153DA ECOS1EA153EA Panasonic Part Number (By Terminal Length) ECOS1EA103CA ECEC1EA822CA ECEC1EA123DA ECEC1EA123EA ECOS1EA822DA ECOS1EA103BA ECEC1EA822DA ECEC1EA103BA ECOS1VA562CA ECEC1VA822BA ECOS1VA822BA ECEC1VA392BA ECEC1VA472BA ECEC1VA562CA ECEC1VA562DA ECEC1VA682BA ECOS1VA472BA ECOS1VA472CA ECOS1VA822DA ECOS1VA103CA ECOS1VA103DA |
Similar Part No. - ECEC1AA563DA |
|
Similar Description - ECEC1AA563DA |