Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL1084-1.8J3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # PL1084-1.8J3
Description  5A Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1084-1.8J3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL1084-1.8J3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1084-1.8J3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1084-1.8J3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1084-1.8J3 Datasheet HTML 4Page - Cystech Electonics Corp. PL1084-1.8J3 Datasheet HTML 5Page - Cystech Electonics Corp. PL1084-1.8J3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C512J3
Issued Date : 2007.07.04
Revised Date :
Page No. : 4/6
PL1084-XXXJ3
CYStek Product Specification
Load Regulation
Since the PL1084 is only a 3 terminal device, it is not possible to provide true remote sensing of output voltage at the
load. The best load regulation is achieved when the bottom side of R2 is connected to the load and the top side of R1
is connected directly to the case or the Vout pin of the regulator and not to the load. It is important to note that for
high current applications, this can represent a significant percentage of the overall load regulation and one must keep
the path from the regulator to the load as short as possible to minimize this effect.
Stability
The PL1084 requires the use of an output capacitor as part of the frequency compensation in order to make the
regulator stable. For most applications, a minimum of 10μF aluminum electrolytic capacitor insures both stability
and good transient response.
Thermal Design
The PL1084 incorporates an internal shutdown that protects the device when the junction temperature exceeds the
maximum allowable junction temperature. Although this device can operate with junction temperatures in the range
of 150℃, it is recommended that the selected heat sink be chosen such that during maximum continuous load
operation, the junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible. It is recommended to
use a section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high
frequency oscillation that may result due to excess trace inductance.


Similar Part No. - PL1084-1.8J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-1.5 CYSTEKEC-PL1084-1.5 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5 CYSTEKEC-PL1084-1.5 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5E3 CYSTEKEC-PL1084-1.5E3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5F3 CYSTEKEC-PL1084-1.5F3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1084-1.8J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com