Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL1085-XXXFP Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # PL1085-XXXFP
Description  3A Low Dropout Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-XXXFP Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  PL1085-XXXFP Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-XXXFP Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-XXXFP Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-XXXFP Datasheet HTML 4Page - Cystech Electonics Corp. PL1085-XXXFP Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C540FP
Issued Date : 2007.07.04
Revised Date :
Page No. : 5/5
PL1085-XXXFP
CYStek Product Specification
TO-220FP Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
Style: Pin 1.GND/ADJ 2.Output 3.Input
4.Output
3-Lead TO-220FP Plastic Package
CYStek Package Code: FP
Marking:
PL1085
□□ □□
Device
Name
Date
Code
Vout :
1.5V→15
1.8V→18
2.5V→25
3.3V→33
5.0V→50
ADJ→
blank
DIM
Min.
Max.
Min.
Max.
A
0.169
0.185
4.300
4.700
D
0.392
0.408
9.960
10.360
A1
0.051 REF
1.300 REF
E
0.583
0.598
14.800
15.200
A2
0.110
0.126
2.800
3.200
e
0.100 TYP
2.540 TYP
A3
0.098
0.114
2.500
2.900
F
0.106 REF
2.700 REF
b
0.020
0.030
0.500
0.750
Φ
0.138 REF
3.500 REF
b1
0.043
0.053
1.100
1.350
L
1.102
1.118
28.000
28.400
b2
0.059
0.069
1.500
1.750
L1
0.067
0.075
1.700
1.900
c
0.020
0.030
0.500
0.750
L2
0.075
0.083
1.900
2.100
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - PL1085-XXXFP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1085-XXXFP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com