Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT5551L3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PZT5551L3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PZT5551L3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PZT5551L3 Datasheet HTML 1Page - Cystech Electonics Corp. PZT5551L3 Datasheet HTML 2Page - Cystech Electonics Corp. PZT5551L3 Datasheet HTML 3Page - Cystech Electonics Corp. PZT5551L3 Datasheet HTML 4Page - Cystech Electonics Corp. PZT5551L3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C208L3
Issued Date : 2004.09.21
Revised Date : 2008.07.04
Page No. : 1/5
PZT5551L3
CYStek Product Specification
General Purpose NPN Epitaxial Planar Transistor
PZT5551L3
Description
The
PZT5551L3 is designed for general purpose applications requiring high breakdown voltage.
Features
• High collector-emitter breakdown voltage. (BVCEO=160V @ IC=1mA)
• Complement to
BTA1514L3
• Pb-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Power Dissipation@TC=25℃
Pd
5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
PZT5551L3
SOT-223
B C E
B:Base
C:Collector
E:Emitter


Similar Part No. - PZT5551L3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT5551L-A-AA3-B-R UTC-PZT5551L-A-AA3-B-R Datasheet
222Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551L-A-AA3-C-R UTC-PZT5551L-A-AA3-C-R Datasheet
222Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551L-A-AA3-E-R UTC-PZT5551L-A-AA3-E-R Datasheet
222Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551L-B-AA3-B-R UTC-PZT5551L-B-AA3-B-R Datasheet
222Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551L-B-AA3-C-R UTC-PZT5551L-B-AA3-C-R Datasheet
222Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - PZT5551L3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com