Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB91A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # P6SMB91A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6SMB91A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  P6SMB91A Datasheet HTML 1Page - Cystech Electonics Corp. P6SMB91A Datasheet HTML 2Page - Cystech Electonics Corp. P6SMB91A Datasheet HTML 3Page - Cystech Electonics Corp. P6SMB91A Datasheet HTML 4Page - Cystech Electonics Corp. P6SMB91A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C766SB
Issued Date : 2009.05.18
Revised Date :
Page No. : 2/5
P6SMB6.8A thru P6SMB550CA
CYStek Product Specification
Electrical Characteristics Ratings at 25℃ ambient temperature, unless otherwise noted. VF=3.5V at
IF=50A(uni-directional only)
Device
Marking
Code
Breakdown
Voltage
V(BR)
(V)
1
Device
UNI
BI
Min
Max
Test
current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient
of
V(BR)
(%/°C)
P6SMB6.8A
6V8A 6V8C 6.45
7.14
10
5.80
1000
57.1
10.5
0.057
P6SMB7.5A
7V5A 7V5C 7.13
7.88
10
6.40
500
53.1
11.3
0.061
P6SMB8.2A
8V2A 8V2C 7.79
8.61
10
7.02
200
49.6
12.1
0.065
P6SMB9.1A
9V1A 9V1C 8.65
9.55
1.0
7.78
50
44.8
13.4
0.068
P6SMB10A
10A
10C
9.50
10.5
1.0
8.55
10
41.4
14.5
0.073
P6SMB11A
11A
11C
10.5
11.6
1.0
9.40
5.0
38.5
15.6
0.075
P6SMB12A
12A
12C
11.4
12.6
1.0
10.2
5.0
35.9
16.7
0.078
P6SMB13A
13A
13C
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
P6SMB15A
15A
15C
14.3
15.8
1.0
12.8
1.0
28.3
21.2
0.084
P6SMB16A
16A
16C
15.2
16.8
1.0
13.6
1.0
26.7
22.5
0.086
P6SMB18A
18A
18C
17.1
18.9
1.0
15.3
1.0
23.8
25.2
0.088
P6SMB20A
20A
20C
19.0
21.0
1.0
17.1
1.0
21.7
27.7
0.090
P6SMB22A
22A
22C
20.9
23.1
1.0
18.8
1.0
19.6
30.6
0.092
P6SMB24A
24A
24C
22.8
25.2
1.0
20.5
1.0
18.1
33.2
0.094
P6SMB27A
27A
27C
25.7
28.4
1.0
23.1
1.0
16.0
37.5
0.096
P6SMB30A
30A
30C
28.5
31.5
1.0
25.6
1.0
14.5
41.4
0.097
P6SMB33A
33A
33C
31.4
34.7
1.0
28.2
1.0
13.1
45.7
0.098
P6SMB36A
36A
36C
34.2
37.8
1.0
30.8
1.0
12.0
49.9
0.099
P6SMB39A
39A
39C
37.1
41.0
1.0
33.3
1.0
11.1
53.9
0.100
P6SMB43A
43A
43C
40.9
45.2
1.0
36.8
1.0
10.1
59.3
0.101
P6SMB47A
47A
47C
44.7
49.4
1.0
40.2
1.0
9.3
64.8
0.101
P6SMB51A
51A
51C
48.5
53.6
1.0
43.6
1.0
8.6
70.1
0.102
P6SMB56A
56A
56C
53.2
58.8
1.0
47.8
1.0
7.8
77.0
0.103
P6SMB62A
62A
62C
58.9
65.1
1.0
53.0
1.0
7.1
85.0
0.104
P6SMB68A
68A
68C
64.6
71.4
1.0
58.1
1.0
6.5
92.0
0.104
P6SMB75A
75A
75C
71.3
78.8
1.0
64.1
1.0
5.8
103
0.105
P6SMB82A
82A
82C
77.9
86.1
1.0
70.1
1.0
5.3
113
0.105
P6SMB91A
91A
91C
86.5
95.5
1.0
77.8
1.0
4.8
125
0.106
P6SMB100A 100A 100C
95.0
105
1.0
85.5
1.0
4.4
137
0.106
P6SMB110A
110A
110C
105
116
1.0
94.0
1.0
3.9
152
0.107
P6SMB120A 120A 120C
114
126
1.0
102
1.0
3.6
165
0.107
P6SMB130A 130A 130C
124
137
1.0
111
1.0
3.4
179
0.107
P6SMB150A 150A 150C
143
158
1.0
128
1.0
2.9
207
0.108
P6SMB160A 160A 160C
152
168
1.0
136
1.0
2.7
219
0.108
P6SMB170A 170A 170C
162
179
1.0
145
1.0
2.6
234
0.108
P6SMB180A 180A 180C
171
189
1.0
154
1.0
2.4
246
0.108
P6SMB200A 200A 200C
190
210
1.0
171
1.0
2.2
274
0.108


Similar Part No. - P6SMB91A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB91A VISHAY-P6SMB91A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB91A CENTRAL-P6SMB91A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB91A CHENDA-P6SMB91A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
EIC discrete Semiconduc...
P6SMB91A EIC-P6SMB91A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6SMB91A HUAXINAN-P6SMB91A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB91A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com