Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QJM3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # QJM3
Description  1A Snubber Damping Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJM3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  QJM3 Datasheet HTML 1Page - Cystech Electonics Corp. QJM3 Datasheet HTML 2Page - Cystech Electonics Corp. QJM3 Datasheet HTML 3Page - Cystech Electonics Corp. QJM3 Datasheet HTML 4Page - Cystech Electonics Corp. QJM3 Datasheet HTML 5Page - Cystech Electonics Corp. QJM3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C211M3
Issued Date : 2013.07.18
Revised Date :
Page No. : 6/6
QJM3, QJCTM3
CYStek Product Specification
SOT-89 Dimension
Marking:
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0583
0.0598
1.48
1.527
B
0.1594
0.1673
4.05
4.25
G
0.1165
0.1197
2.96
3.04
C
0.0591
0.0663
1.50
1.70
H
0.0551
0.0630
1.40
1.60
D
0.0945
0.1024
2.40
2.60
I
0.0138
0.0161
0.35
0.41
E
0.01417 0.0201
0.36
0.51
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
E
F
G
C
B
A
3
2
1
I
D
H
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
Style: QJM3 : Pin 1. Anode 2. Cathode 3. Not Connected
QJCTM3: Pin 1. Anode 2. Cathode 3. Anode
Product
Code
month code: 1~9,
A,B,C
Year code:
0→2010,
1→2011,
2→2012,
…etc.
□□□□
□□
Product Code : QJ for QJM3
QJCT for QJCTM3


Similar Description - QJM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
   1A Snubber Damping Rectifier
QJ-2L CYSTEKEC-QJ-2L Datasheet
245Kb / 6P
   1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
   1A Snubber Damping Rectifier
QJL3 CYSTEKEC-QJL3 Datasheet
239Kb / 6P
   1A Snubber Damping Rectifier
QJP-65 CYSTEKEC-QJP-65 Datasheet
389Kb / 6P
   1A Snubber Damping Rectifier
QJP-62 CYSTEKEC-QJP-62 Datasheet
389Kb / 6P
   1A Snubber Damping Rectifier
QJP CYSTEKEC-QJP Datasheet
388Kb / 6P
   1A Snubber Damping Rectifier
QJP-2L CYSTEKEC-QJP-2L Datasheet
409Kb / 6P
   1A Snubber Damping Rectifier
QJCTL3 CYSTEKEC-QJCTL3 Datasheet
239Kb / 6P
   1A Snubber Damping Rectifier
QDL3 CYSTEKEC-QDL3 Datasheet
250Kb / 6P
   1A /90V Snubber Damping Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com