Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A273ML Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQU2A273ML
Description  Interference Suppression Capacitor Metallized Polyester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A273ML Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQU2A273ML Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A273ML Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Interference Suppression Capacitor
Metallized Polyester
Type:
ECQUL [Class X2] [Class Y2/X2]
In accordance with UL/CSA and European safety
regulation class X2 or class Y2/X2
IFeatures
Compact
Flame - retardant plastic case and non - combustible resin
IRecommended Applications
Interference suppressors
123456789
10
11
E
C
Q
U
2
A
Product code
Dielectric &
construction
Rated voltage
Capacitance
L
Cap.tol.
Suffix
IApplicable Standard
*When applying for agency,please apply not with part code but type designation and rating such as ECQUL, 0.1µF.
*Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the
latest file No
*This capacitor is recognized for European standards by VDE only. But, there is no problem with using this capacitor
in the apparatus, which will get approvals from certification bodies in Europe, SEMKO, DEMKO, NEMKO, FIMKO
and SEV etc. except VDE.
ISpecifications
I Explanation of Part Numbers
K ± 10%
M ± 20%
UL
CSA
UL 1414
UL 1283
Across - The - Line Capacitors
Antenna - Coupling and Line - By - Pass
Electromagnetic Interference Filters
(0.001 to 1.0µF)
(0.001 to 1.0µF)
CSA C22.2 No.1 - 94
CSA C22.2 No.8 - M1986
Across - the - line capacitors
Antenna - isolation and line - by - pass capacitors
(0.001 to 1.0µF)
(0.001 to 1.0µF)
(1.2 to 2.2µF)
VDE
IEC384 - 14,1993
EN132400
Class Y2/X2
Class X2
(0.001 to 0.0068µF)
(0.0082 to 2.2µF)
Category temp. range
- 40 to + 100
:(85:max.on UL/CSA spec.)
Rated voltage
275VAC (IEC384 - 14),250VAC(UL/CSA)
Capacitance range
0.001 to 2.2 µF
Capacitance tolerance
± 10%(K),± 20%(M)
Dissipation factor
1.0%max.(20
:,1kHz)
Withstand voltage
Between terminals:575VAC,1768VDC 60s
Between terminals:1500VAC, 2121VDC 60s (0.001 to 0.0068µF)
Between terminals to enclosure:2050 VAC 60s
Insulation resistance
C<
=0.33µF:15000M
Ω min. (20: 100VDC 60s)
C>0.33µF:5000M
Ω • µFmin. (20: 100VDC 60s)
2000M
Ωmin (20: 500VDC 60s)
(1.2 to 2.2µF)
Electromagnetic Interference (EMI) Filters
Interference Suppression Capacitor


Similar Part No. - ECQU2A273ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A273ML PANASONIC-ECQU2A273ML Datasheet
84Kb / 2P
   Plastic Film Capacitors
ECQU2A273ML PANASONIC-ECQU2A273ML Datasheet
71Kb / 2P
   Interference Suppression Capacitor
More results

Similar Description - ECQU2A273ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQU2A102MV PANASONIC-ECQU2A102MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A224MG PANASONIC-ECQ-U2A224MG Datasheet
128Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A103MN PANASONIC-ECQ-U2A103MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQ-U2A104MN PANASONIC-ECQ-U2A104MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com