Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEFP0J470AR Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFP0J470AR
Description  Aluminum Electrolytic Capacitors/ FP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFP0J470AR Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFP0J470AR Datasheet HTML 1Page - Panasonic Semiconductor EEEFP0J470AR Datasheet HTML 2Page - Panasonic Semiconductor EEEFP0J470AR Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FP
– EEE-48 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
E.S.R.
(100 kHz)
(+20 °C)
tan
d
(120 Hz)
(+20 °C)
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(
Ω)(pcs)
6.3
22
4
5.8
B
160
0.85
0.26
EEEFP0J220AR
(5)
2000
47
4
5.8
(B)
160
0.85
0.26
EEEFPJ470UAR
(5)
2000
5
5.8
C
240
0.36
0.26
EEEFP0J470AR
(5)
1000
100
5
5.8
(C)
240
0.36
0.26
EEEFPJ101UAR
(5)
1000
6.3
5.8
D
300
0.26
0.26
EEEFP0J101AP
(5)
1000
220
6.3
5.8
D
300
0.26
0.26
EEEFP0J221AP
(5)
1000
330
6.3
7.7
D8
600
0.16
0.26
EEEFPJ331XAP
(5)
900
8
6.2
E
500
0.18
0.26
EEEFP0J331AP
(6)
1000
470
8
10.2
F
850
0.08
0.26
EEEFP0J471AP
(6)
500
1000
8
10.2
F
850
0.08
0.26
EEEFP0J102AP
(6)
500
1500
10
10.2
G
1190
0.06
0.26
EEEFP0J152AP
(6)
500
1800
10
10.2
(G)
850
0.08
0.26
EEEFPJ182UAP
(6)
500
10
22
4
5.8
B
160
0.85
0.19
EEEFP1A220AR
(5)
2000
33
4
5.8
(B)
160
0.85
0.19
EEEFPA330UAR
(5)
2000
5
5.8
C
240
0.36
0.19
EEEFP1A330AR
(5)
1000
150
6.3
5.8
D
300
0.26
0.19
EEEFP1A151AP
(5)
1000
220
6.3
7.7
D8
600
0.16
0.19
EEEFPA221XAP
(5)
900
8
6.2
E
500
0.18
0.19
EEEFP1A221AP
(6)
1000
330
8
10.2
F
850
0.08
0.19
EEEFP1A331AP
(6)
500
470
8
10.2
F
850
0.08
0.19
EEEFP1A471AP
(6)
500
680
8
10.2
F
850
0.08
0.19
EEEFP1A681AP
(6)
500
1000
10
10.2
G
1190
0.06
0.19
EEEFP1A102AP
(6)
500
1200
10
10.2
(G)
850
0.08
0.19
EEEFPA122UAP
(6)
500
16
10
4
5.8
B
160
0.85
0.16
EEEFP1C100AR
(5)
2000
22
4
5.8
(B)
160
0.85
0.16
EEEFPC220UAR
(5)
2000
5
5.8
C
240
0.36
0.16
EEEFP1C220AR
(5)
1000
47
5
5.8
(C)
240
0.36
0.16
EEEFPC470UAR
(5)
1000
6.3
5.8
D
300
0.26
0.16
EEEFP1C470AP
(5)
1000
68
6.3
5.8
D
300
0.26
0.16
EEEFP1C680AP
(5)
1000
100
6.3
5.8
D
300
0.26
0.16
EEEFP1C101AP
(5)
1000
6.3
7.7
D8
600
0.16
0.16
EEEFPC101XAP
(5)
900
150
6.3
7.7
D8
600
0.16
0.16
EEEFPC151XAP
(5)
900
220
6.3
7.7
D8
600
0.16
0.16
EEEFPC221XAP
(5)
900
8
6.2
E
500
0.18
0.16
EEEFP1C221AP
(6)
1000
330
8
10.2
F
850
0.08
0.16
EEEFP1C331AP
(6)
500
470
8
10.2
F
850
0.08
0.16
EEEFP1C471AP
(6)
500
680
10
10.2
G
1190
0.06
0.16
EEEFP1C681AP
(6)
500
820
10
10.2
(G)
850
0.08
0.16
EEEFPC821UAP
(6)
500
25
10
4
5.8
B
160
0.85
0.14
EEEFP1E100AR
(5)
2000
22
5
5.8
C
240
0.36
0.14
EEEFP1E220AR
(5)
1000
33
5
5.8
(C)
240
0.36
0.14
EEEFPE330UAR
(5)
1000
6.3
5.8
D
300
0.26
0.14
EEEFP1E330AP
(5)
1000
47
6.3
5.8
D
300
0.26
0.14
EEEFP1E470AP
(5)
1000
68
6.3
5.8
D
300
0.26
0.14
EEEFP1E680AP
(5)
1000
100
6.3
7.7
D8
600
0.16
0.14
EEEFPE101XAP
(5)
900
8
6.2
E
500
0.18
0.14
EEEFP1E101AP
(6)
1000
150
8
10.2
F
850
0.08
0.14
EEEFP1E151AP
(6)
500
220
8
10.2
F
850
0.08
0.14
EEEFP1E221AP
(6)
500
330
8
10.2
F
850
0.08
0.14
EEEFP1E331AP
(6)
500
470
10
10.2
G
1190
0.06
0.14
EEEFP1E471AP
(6)
500
560
10
10.2
(G)
850
0.08
0.14
EEEFPE561UAP
(6)
500
✽ Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J→J, 1A→A, 1C→C, 1E→E, 1V→V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 105 °C 2000 h
01 Mar. 2014


Similar Part No. - EEEFP0J470AR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFP0J470AR PANASONIC-EEEFP0J470AR Datasheet
159Kb / 3P
   Aluminum Electrolytic Capacitors
EEEFP0J470AR PANASONIC-EEEFP0J470AR Datasheet
2Mb / 11P
   High temperature Lead-Free reflow
06-Dec-19
EEEFP0J470AR PANASONIC-EEEFP0J470AR Datasheet
78Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEEFP0J470AR PANASONIC-EEEFP0J470AR Datasheet
78Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEEFP0J470AR PANASONIC-EEEFP0J470AR Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
More results

Similar Description - EEEFP0J470AR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FP1V220AR PANASONIC-EEE-FP1V220AR Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP0J331AP PANASONIC-EEE-FP0J331AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1V331AP PANASONIC-EEE-FP1V331AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1E101AP PANASONIC-EEE-FP1E101AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1V221AP PANASONIC-EEE-FP1V221AP Datasheet
78Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
EEE-FP1E221AP PANASONIC-EEE-FP1E221AP Datasheet
90Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
logo
Pacific Silicon Sensor,...
EEE-FP1A331AP PACIFIC-EEE-FP1A331AP Datasheet
162Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
logo
Panasonic Semiconductor
EEE-FPE561UAP PANASONIC-EEE-FPE561UAP Datasheet
78Kb / 3P
   Aluminum Electrolytic Capacitors/ FP
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com