Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A225ML Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU2A225ML
Description  Interference Suppression Capacitor Metallized Polyester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A225ML Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU2A225ML Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A225ML Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
IDimensions in mm (not to scale)
IRating & Dimensions
G Capacitance tolerance : ±10%(K), ±20%(M)
Dimensions (mm)
LTH
F
ø
dP
Q
Cap.
(µF)
Part No.
L
±0.5
T
±0.5
F
±0.4
Solder-plated copper-clad steel wire
d
±0.05
Q
P(Lead location limits from center)
+1.4
- 0.6
(C)
(A)
(B)
Note : only
±10% as cap. tol. be marked as "K" .
STYLE
A side
B side
C side
2
0.0082 to 0.047
µF
3
0.056 to 1.0
µF
4
1.2 to 2.2
µF
1
0.001 to0.0068
µF
.068
µF K
275V
~
.1.5
µF K
275V
~
.001
µF K
.033
µF K
250V~
ECQUL
40/100/21
275V
~Y2/X2
132400
V
DE
GMF
MKT
ECQUL
40/100/21
275V
~X2
250V~
ECQUL
40/100/21
GMF
MKT
V
DE
132400
250V~
X2
ECQUL
40/100/21
GMF
MKT
V
DE
132400
250V~
X2
1283
8X
132400
V
DE
GMF
MKT
Note
Date Code.
1.2
µF ±1.0
>
=
ECQU2A102
ML
0.001
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A122
ML
0.0012
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A152
ML
0.0015
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A182
ML
0.0018
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A222
ML
0.0022
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A272
ML
0.0027
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A332
ML
0.0033
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A392
ML
0.0039
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A472
ML
0.0047
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A562
ML
0.0056
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A682
ML
0.0068
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A822
ML
0.0082
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A103
ML
0.01
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A123
ML
0.012
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A153
ML
0.015
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A183
ML
0.018
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A223
ML
0.022
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A273
ML
0.027
15.0
5.0
11.5
12.5
0.60
0± 0.5
1.3
ECQU2A333
ML
0.033
15.0
6.0
13.0
12.5
0.60
0± 0.5
1.3
ECQU2A393
ML
0.039
15.0
6.0
13.0
12.5
0.60
0± 0.5
1.3
ECQU2A473
ML
0.047
15.0
6.0
13.0
12.5
0.60
0± 0.5
1.3
ECQU2A563
ML
0.056
17.5
4.5
11.5
15.0
0.60
0± 0.5
1.3
ECQU2A683
ML
0.068
17.5
4.5
11.5
15.0
0.60
0± 0.5
1.3
ECQU2A823
ML
0.082
17.5
5.5
12.0
15.0
0.60
0± 0.5
1.3
ECQU2A104
ML
0.1
17.5
5.5
12.0
15.0
0.60
0± 0.5
1.3
ECQU2A124
ML
0.12
17.5
6.5
14.5
15.0
0.60
0± 0.5
1.3
ECQU2A154
ML
0.15
17.5
6.5
14.5
15.0
0.60
0± 0.5
1.3
ECQU2A184
ML
0.18
17.5
8.0
16.0
15.0
0.60
0± 0.5
1.3
ECQU2A224
ML
0.22
17.5
8.0
16.0
15.0
0.60
0± 0.5
1.3
ECQU2A274
ML
0.27
17.5
9.5
17.5
15.0
0.80
0± 0.5
1.3
ECQU2A334
ML
0.33
17.5
9.5
17.5
15.0
0.80
0± 0.5
1.3
ECQU2A394
ML
0.39
25.5
8.5
17.5
22.5
0.80
0± 0.75
1.5
ECQU2A474
ML
0.47
25.5
8.5
17.5
22.5
0.80
0± 0.75
1.5
ECQU2A564
ML
0.56
25.5
10.5
19.5
22.5
0.80
0± 0.75
1.5
ECQU2A684
ML
0.68
25.5
10.5
19.5
22.5
0.80
0± 0.75
1.5
ECQU2A824
ML
0.82
25.5
12.0
22.0
22.5
0.80
0± 0.75
1.5
ECQU2A105
ML
1.0
25.5
12.0
22.0
22.5
0.80
0± 0.75
1.5
ECQU2A125
ML
1.2
30.5
16.5
26.0
27.5
0.80
0± 0.75
1.5
ECQU2A155
ML
1.5
30.5
16.5
26.0
27.5
0.80
0± 0.75
1.5
ECQU2A185
ML
1.8
30.5
19.0
29.5
27.5
0.80
0± 0.75
1.5
ECQU2A225
ML
2.2
30.5
19.0
29.5
27.5
0.80
0± 0.75
1.5
Cap. tol. code
L
Interference Suppression Capacitor


Similar Part No. - ECQU2A225ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A225ML PANASONIC-ECQU2A225ML Datasheet
84Kb / 2P
   Plastic Film Capacitors
ECQU2A225ML PANASONIC-ECQU2A225ML Datasheet
71Kb / 2P
   Interference Suppression Capacitor
More results

Similar Description - ECQU2A225ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQU2A102MV PANASONIC-ECQU2A102MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A224MG PANASONIC-ECQ-U2A224MG Datasheet
128Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A103MN PANASONIC-ECQ-U2A103MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQ-U2A104MN PANASONIC-ECQ-U2A104MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com