Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEHZA1J100P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEHZA1J100P
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEHZA1J100P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEHZA1J100P Datasheet HTML 1Page - Panasonic Semiconductor EEHZA1J100P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
– EEE-3 –
Standard Products       
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
Endurance : 105 °C 10000 h
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
E.S.R.
(100 kHz)
(+20 °C)
tan d
(120 Hz)
(+20 °C)
Taping
(V)
(μF)
(mm)
(mm)
(mA r.m.s.)
(m
Ω)(pcs)
25
33
5
5.8
C
900
80
0.14
EEHZA1E330R
(5)
1000
56
6.3
5.8
D
1300
50
0.14
EEHZA1E560P
(5)
1000
100
6.3
7.7
D8
2000
30
0.14
EEHZA1E101XP
(5)
900
220
8
10.2
F
2300
27
0.14
EEHZA1E221P
(6)
500
330
10
10.2
G
2500
20
0.14
EEHZA1E331P
(6)
500
35
22
5
5.8
C
900
100
0.12
EEHZA1V220R
(5)
1000
27
6.3
5.8
D
1300
60
0.12
EEHZA1V270P
(5)
1000
47
6.3
5.8
D
1300
60
0.12
EEHZA1V470P
(5)
1000
68
6.3
7.7
D8
2000
35
0.12
EEHZA1V680XP
(5)
900
150
8
10.2
F
2300
27
0.12
EEHZA1V151P
(6)
500
270
10
10.2
G
2500
20
0.12
EEHZA1V271P
(6)
500
50
10
5
5.8
C
750
120
0.10
EEHZA1H100R
(5)
1000
22
6.3
5.8
D
1100
80
0.10
EEHZA1H220P
(5)
1000
33
6.3
7.7
D8
1600
40
0.10
EEHZA1H330XP
(5)
900
68
8
10.2
F
1800
30
0.10
EEHZA1H680P
(6)
500
100
10
10.2
G
2000
28
0.10
EEHZA1H101P
(6)
500
63
10
6.3
5.8
D
1000
120
0.08
EEHZA1J100P
(5)
1000
22
6.3
7.7
D8
1500
80
0.08
EEHZA1J220XP
(5)
900
33
8
10.2
F
1700
40
0.08
EEHZA1J330P
(6)
500
56
10
10.2
G
1800
30
0.08
EEHZA1J560P
(6)
500
80
22
8
10.2
F
1550
45
0.08
EEHZA1K220P
(6)
500
33
10
10.2
G
1700
36
0.08
EEHZA1K330P
(6)
500
02 Mar. 2014


Similar Part No. - EEHZA1J100P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEHZA1J100P PANASONIC-EEHZA1J100P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1J100P PANASONIC-EEHZA1J100P Datasheet
60Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1J100P PANASONIC-EEHZA1J100P Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
EEHZA1J100P PANASONIC-EEHZA1J100P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEHZA1J100P PANASONIC-EEHZA1J100P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
More results

Similar Description - EEHZA1J100P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEH-ZA1E560P PANASONIC-EEH-ZA1E560P Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1H330XP PANASONIC-EEH-ZA1H330XP Datasheet
142Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors / ZA
EEHZA1E330R PANASONIC-EEHZA1E330R Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEE-1HSR33SR PANASONIC-EEE-1HSR33SR Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1V470P PANASONIC-EEH-ZA1V470P Datasheet
60Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1J220XP PANASONIC-EEH-ZA1J220XP Datasheet
74Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA
EEH-ZA1H100R PANASONIC-EEH-ZA1H100R Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com