Electronic Components Datasheet Search |
|
EEHZA1J220XP Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EEHZA1J220XP Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Conductive Polymer Hybrid Aluminum Electrolytic Capacitors/ZA – EEE-2 – Capacitance (μF) Rated Voltage Mark Series identification Lot number Negative polarity marking (–) A±0.2 W ( ) Reference size L + – 0.3 max. Pressure Relief ( 010 and larger) ■ Features ● Endurance: 10000 h at 105 °C ● Low ESR and High ripple current (70 % over, Lower ESR than Current V-FP) ● High voltage (to 80 V) ● Equivalent to conductive polymer type Aluminum Electrolytic Capacitor (There are little characteristics change by temperature and frequency) ● AEC-Q200 qualified✽ ● RoHS directive compliant Surface Mount Type Series: ZA Type: V High temperature Lead-Free reflow ■ Specifications Category Temp. Range –55 °C to +105 °C Rated W.V.Range 25 V.DC to 80 V.DC Nominal Cap.Range 10 μF to 330 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (μA) After 2 minutes (whichever is greater) tan d Please see the attached Standard Products list Endurance The capacitor shall be subjected to application of the D.C. voltage with full rated ripple current at +105 °C for 10000 hours. After stabilizing at room temperature(+15 to 35 °C), the capacitor shall not exceed the specified limits. (The sum of DC voltage and ripple peak voltage shall not exceed the rated voltage.) Capacitance change ±30 % of initial measured value tan d < 200 % of initial specified value E. S. R. < 200 % of initial specified value DC leakage current < initial specified value ESR after Endurance ( Ω/100 kHz) (–40 °C) Size Code CD D8 F G 2.0 1.4 0.8 0.4 0.3 Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) Resistance to Soldering Heat After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits. Capacitance change ±10 % of initial measured value tan d < initial specified value DC leakage current < initial specified value ■ Dimensions in mm (not to scale) ■ Marking Example:25 V 33 μF Marking color : BLACK Rated Voltage Mark Frequency (Hz) 120 1 k 10 k 100 k to Correction factor 0.10 0.30 0.60 1.00 ■ Frequency correction factor for ripple current Size code D L A, B H I W P K C 5.0 5.8±0.3 5.3 6.5 max. 2.2 0.65±0.1 1.5 0.35 - 0.20 D 6.3 5.8±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 D8 6.3 7.7±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 F 8.0 10.2±0.3 8.3 10.0 max. 3.4 0.90±0.2 3.1 0.70±0.2 G 10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6 0.70±0.2 + 0.15 + 0.15 + 0.15 E 25 V V 35 V H 50 V J 63 V K 80 V (Unit : mm) ✽ This product qualify for AEC-Q200, but it has some deviations. 02 Mar. 2014 |
Similar Part No. - EEHZA1J220XP |
|
Similar Description - EEHZA1J220XP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |