Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJ-NA47NMF Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJ-NA47NMF
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJ-NA47NMF Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELJ-NA47NMF Datasheet HTML 1Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 2Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 3Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 4Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 5Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 6Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 7Page - Panasonic Semiconductor ELJ-NA47NMF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4±0.2
Marking
2.5
+0.3
–0.2
3.5 to 4.0
1.4 to 1.5
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJNC10N
□F10
K : ±10 %
100
10
100
2500
0.32
280
ELJNC12N
□F
12
2200
0.34
270
ELJNC15N
□F
15
1800
0.38
255
ELJNC18N
□F
18
1550
0.40
250
ELJNC22N
□F22
15
1350
0.43
240
ELJNC27N
□F
27
1150
0.47
230
ELJNC33N
□F33
K : ±10 %
or
J : ± 5 %
1000
0.51
220
ELJNC39N
□F
39
890
0.55
215
ELJNC47N
□F
47
770
0.59
205
ELJNC56N
□F
56
670
0.63
200
ELJNC68N
□F
68
590
0.68
190
ELJNC82N
□F
82
520
0.73
185
ELJNCR10
□F
100
25.2
10
25.2
460
0.80
175
ELJNCR12
□F
120
400
0.87
170
ELJNCR15
□F
150
340
0.98
160
ELJNCR18
□F
180
300
1.05
155
ELJNCR22
□F
220
260
1.15
145
ELJNCR27
□F
270
230
1.25
140
ELJNCR33
□F
330
200
1.37
135
ELJNCR39
□F
390
180
1.47
130
ELJNCR47
□F
470
160
1.58
125
ELJNCR56
□F
560
145
1.70
120
ELJNCR68
□F
680
130
1.85
110
ELJNCR82
□F
820
100
2.10
100
NC Type 2520 (1008)
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
Standard Parts
Standard Packing Quantity
● 2000 pcs./Reel
✽1 : Self Resonant Frequency ✽2 : DC Resistance
□ : Symbol of Tolerance
Sep. 2012
01
9


Similar Part No. - ELJ-NA47NMF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
More results

Similar Description - ELJ-NA47NMF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com