Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELLVGG6R8N Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELLVGG6R8N
Description  Power Inductors / Wire Wound type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELLVGG6R8N Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELLVGG6R8N Datasheet HTML 1Page - Panasonic Semiconductor ELLVGG6R8N Datasheet HTML 2Page - Panasonic Semiconductor ELLVGG6R8N Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
1
2
3
4
5
6
7
89
10
11
Product Code
Design No.
Inductance
Structure
Outer size
Choke Coil (Magnetic shielded type )
Series
G
ELL
Height
E
1.0 max.
G
1.5 max.
F
1.2 max.
150
15 μH
M
±20 %
N
±30 %
2R2
2.2 μH
Tolerance
Marking
1.5 max.
1.2 max.
1.0 max.
ELLVGG-C
ELLVFG-C
ELLVEG
H
Type
1.5 max.
ELLVGG
3.00±0.2
0.80
1.10
0.70
0.70
1.40
1.40
3.40
0.60
Power Inductors / Wire Wound type
Series:
G
Type:
ELLVEG
ELLVFG-C
ELLVGG
ELLVGG-C
Explanation of Part Numbers
Dimensions in mm (not to scale)
Features
● Magnetic shielded structure
● Low DC resistance and large current capability
● Shock resistant
● RoHS compliant
Recommended land patterns in mm (not to scale)
Standard Packing Quantity
● 2000 pcs./Reel
Recommended Applications
● DC-DC converter circuitry for computer peripherals
and cellular phones.
● Chopper circuit decoupling chokes for DC-DC
converter circuitry.
Type ELLVEG
Type ELLVFG
Type ELLVGG
Type ELLVGG-C
■ Soldering Conditions and Safety Precautions
Please see Data Files
Mat. 2014
02
31


Similar Part No. - ELLVGG6R8N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELLVGG6R8N PANASONIC-ELLVGG6R8N Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
ELLVGG6R8N PANASONIC-ELLVGG6R8N Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELLVGG6R8N PANASONIC-ELLVGG6R8N Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
ELLVGG6R8N PANASONIC-ELLVGG6R8N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
logo
ams AG
ELLVGG6R8N AMSCO-ELLVGG6R8N Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
More results

Similar Description - ELLVGG6R8N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
logo
Panasonic Semiconductor
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
ELL-VFG2R2NC PANASONIC-ELL-VFG2R2NC Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com