Electronic Components Datasheet Search |
|
EEVFK1E332M Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EEVFK1E332M Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 4 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FK – EE63 – 3300 Capacitance ( µF) Rated Voltage Mark Series identification Lot number Negative polarity marking (–) jFK A ±0.2 W () Reference size L + – 0.3 max. Pressure Relief ( φ10 and larger) 22 Capacitance ( µF) Rated Voltage Mark Series identification Mark for Lead-Free ProductsBlack Dot (Square) Lot number Negative polarity marking (–) jFK ■ Features ● Endurance: 2000 h to 5000 h at 105 °C ● Low impedance (40 % to 60 % less than FC series) Miniaturized (30 % to 50 % less than FC series) ● Vibration-proof product is available upon request. (φ8 mm and larger) ● RoHS directive compliant Surface Mount Type Series: FK Type: V ■ Specifications Category Temp. Range –55 °C to +105 °C Rated W.V.Range 6.3 V.DC to 100 V.DC Nominal Cap.Range 3.3 µF to 6800 µF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater) tan δ Please see the attached standard products list Characteristics at Low Temperature W.V. (V) 6.3 10 16 25 35 50 63 80 100 (Impedance ratio at 120 Hz) Z(–25 °C)/Z(+20 °C) 222222222 Z(–40 °C)/Z(+20 °C) 333333333 Z(–55 °C)/Z(+20 °C) 444333333 Endurance After applying rated working voltage for 2000 hours at +105 °C±2 °C and then being stabilized at +20 °C, Capacitors shall meet the following limits. ( > φ12.5 and suffix “G” in φ8 10.2, φ10 10.2 are 5000 hours) Capacitance change ±30 % of initial measured value (Suffix “G” is 35 %) tan δ < 200 % of initial specified value (Suffix “G” is 300 %) DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment) Resistance to Soldering Heat After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits. Capacitance change ±10 % of initial measured value tan δ < initial specified value DC leakage current < initial specified value ■ Dimensions in mm (not to scale) ■ Marking Example:6.3 V 22 µF, 6.3 V 3300 µF Marking color : BLACK < φ10 (mm) Size code DL A,B H I W P K B 4.0 5.8±0.3 4.3 5.5 max. 1.8 0.65±0.1 1.0 0.35 - 0.2 C 5.0 5.8±0.3 5.3 6.5 max. 2.2 0.65±0.1 1.5 0.35 - 0.2 D 6.3 5.8±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.2 D8 6.3 7.7±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.2 E 8.0 6.2±0.3 8.3 9.5 max. 3.4 0.65±0.1 2.2 0.35 - 0.2 F 8.0 10.2±0.3 8.3 10.0 max. 3.4 0.90±0.2 3.1 0.70±0.2 G 10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6 0.70±0.2 H13 12.5 13.5±0.5 13.5 15.0 max. 4.7 0.90±0.3 4.4 0.70±0.3 J16 16.0 16.5±0.5 17.0 19.0 max. 5.5 1.20±0.3 6.7 0.70±0.3 K16 18.0 16.5±0.5 19.0 21.0 max. 6.7 1.20±0.3 6.7 0.70±0.3 j6.3 V A10 V C16 V E25 V V35 V Rated Voltage Mark H50 V J63 V K80 V 2A 100 V > φ12.5 + 1.5 + 1.5 + 1.5 + 1.5 + 1.5 Frequency (Hz) 50, 60 120 1 k 10 k 100 k to Correction factor 0.70 0.75 0.90 0.95 1.00 ■ Frequency correction factor for ripple current Sep. 2011 03 |
Similar Part No. - EEVFK1E332M |
|
Similar Description - EEVFK1E332M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |