Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-624 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LB-624
Description  PRINTED CIRCUIT TRANS FORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB-624 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LB-624 Datasheet HTML 1Page - List of Unclassifed Manufacturers LB-624 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

P R i N T E D C i R C u i T T R A N S F O R M E R S
stancor®lowBoy™
lowProfile
“Low Boy” LB Series
Primaries are 115/230V 50/60Hz, 8 Pins
sTAncoR
Ratedoutput
DImensIons-Inches
PART
Primary
Individual
series
Parallel
Weight Agency
sec. nUmBeR VA Winding Ac/Dc Volts
mA
Volts
mA
Volts
mA
h
W
l
mW
ml
A
B
(lbs.)
certif.
A
LB-210
2.0
Dual
AC
-
-
10.0 C.T.
200
5.0
400
0.63
1.56
1.88
0.88
1.62
1.6
0.38
0.28
LB-310
3.0
Dual
AC
-
-
10.0 C.T.
300
5.0
600
0.63
1.56
1.88
0.88
1.62
1.6
0.38
0.28
B
LB-610
6.0
Dual
AC
-
-
10.0 C.T.
600
5.0
1200
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
C
LB-612
6.0
Dual
AC
-
-
12.6 C.T.
450
6.3
900
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-1212 12.0
Dual
AC
-
-
12.6 C.T.
900
6.3
1800
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
LB-215
2.0
Dual
AC
-
-
15.0 C.T.
150
7.5
300
0.63
1.56
1.88
0.88
1.62
1.6
0.38
0.28
LB-315
3.0
Dual
AC
-
-
15.0 C.T.
225
7.5
450
0.63
1.56
1.88
0.88
1.62
1.6
0.38
0.28
D
LB-616
6.0
Dual
AC
-
-
16.0 C.T.
350
8.0
700
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-1216 12.0
Dual
AC
-
-
16.0 C.T.
700
8.0
1400
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
LB-420
4.0
Dual
AC
-
-
20.0 C.T.
200
10.0
400
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-520
5.0
Dual
AC
-
-
20.0 C.T.
250
10.0
500
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
E
LB-620
6.0
Dual
AC
-
-
20.0 C.T.
300
10.0
600
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-1220 12.0
Dual
AC
-
-
20.0 C.T.
600
10.0
1200
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
LB-424
4.0
Dual
AC
-
-
24.0 C.T.
167
12.0
333
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
F
LB-624
6.0
Dual
AC
-
-
24.0 C.T.
250
12.0
500
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-1224 12.0
Dual
AC
-
-
24.0 C.T.
500
12.0
1000
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
LB-634
6.0
Dual
AC
-
-
34.0 C.T.
170
17.0
340
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-1234 12.0
Dual
AC
-
-
34.0 C.T.
340
17.0
680
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
G
LB-640
6.0
Dual
AC
-
-
40.0 C.T.
150
20.0
300
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-1240 12.0
Dual
AC
-
-
40.0 C.T.
300
20.0
600
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
LB-256
2.0
Dual
AC
-
-
56.0 C.T.
45
28.0
90
0.63
1.56
1.88
0.88
1.62
1.6
0.38
0.28
H
LB-656
6.0
Dual
AC
-
-
56.0 C.T.
100
28.0
200
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
I
LB-6230
6.0
Dual
AC
-
-
230.0 C.T.
25 115.0
50
0.88
1.56
1.88
0.88
1.62
1.6
0.38
0.34
LB-12230 12.0
Dual
AC
-
-
230.0 C.T.
50 115.0
100
1.06
2.00
2.50
1.00
2.00
2.0
0.50
0.72
Agency Certification Note: UL Recognized (File E68100)
lB-210


Similar Part No. - LB-624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-600-100 ETC2-LB-600-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-600-100 ETC2-LB-600-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-600-50 ETC2-LB-600-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-600-50 ETC2-LB-600-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Rohm
LB-602AA2 ROHM-LB-602AA2 Datasheet
78Kb / 3P
   Double Digits LED Numeric Display
More results

Similar Description - LB-624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
EPCOS
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
B66305G0000X130 EPCOS-B66305G0000X130_10 Datasheet
465Kb / 9P
   EF coil formers
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
   NPN DARLINGTON TRANS IBTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com