Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3128A Datasheet(PDF) 3 Page - Altera Corporation

Part # EPM3128A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3128A Datasheet(HTML) 3 Page - Altera Corporation

  EPM3128A Datasheet HTML 1Page - Altera Corporation EPM3128A Datasheet HTML 2Page - Altera Corporation EPM3128A Datasheet HTML 3Page - Altera Corporation EPM3128A Datasheet HTML 4Page - Altera Corporation EPM3128A Datasheet HTML 5Page - Altera Corporation EPM3128A Datasheet HTML 6Page - Altera Corporation EPM3128A Datasheet HTML 7Page - Altera Corporation EPM3128A Datasheet HTML 8Page - Altera Corporation EPM3128A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Altera Corporation
3
MAX 3000A Programmable Logic Device Family Data Sheet
The MAX 3000A architecture supports 100% transistor-to-transistor logic
(TTL) emulation and high–density small-scale integration (SSI),
medium-scale integration (MSI), and large-scale integration (LSI) logic
functions. The MAX 3000A architecture easily integrates multiple devices
ranging from PALs, GALs, and 22V10s to MACH and pLSI devices.
MAX 3000A devices are available in a wide range of packages, including
PLCC, PQFP, and TQFP packages. See Table 3.
Note:
(1)
When the IEEE Std. 1149.1 (JTAG) interface is used for in–system programming or
boundary–scan testing, four I/O pins become JTAG pins.
MAX 3000A devices use CMOS EEPROM cells to implement logic
functions. The user–configurable MAX 3000A architecture accommodates
a variety of independent combinatorial and sequential logic functions.
The devices can be reprogrammed for quick and efficient iterations
during design development and debugging cycles, and can be
programmed and erased up to 100 times.
Table 2. MAX 3000A Speed Grades
Device
Speed Grade
–4
–5
–6
–7
–10
EPM3032A
vv
v
EPM3064A
vv
v
EPM3128A
vv
v
EPM3256A
vv
EPM3512A
vv
Table 3. MAX 3000A Maximum User I/O Pins
Note (1)
Device
44–Pin
PLCC
44–Pin
TQFP
100–Pin
TQFP
144–Pin
TQFP
208–Pin
PQFP
256-Pin
FineLine
BGA
EPM3032A
34
34
EPM3064A
34
34
66
EPM3128A
80
96
98
EPM3256A
116
158
161
EPM3512A
172
208


Similar Part No. - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3128A ALTERA-EPM3128A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
710Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com