Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7160E Datasheet(PDF) 50 Page - Altera Corporation

Part # EPM7160E
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7160E Datasheet(HTML) 50 Page - Altera Corporation

Back Button EPM7160E Datasheet HTML 46Page - Altera Corporation EPM7160E Datasheet HTML 47Page - Altera Corporation EPM7160E Datasheet HTML 48Page - Altera Corporation EPM7160E Datasheet HTML 49Page - Altera Corporation EPM7160E Datasheet HTML 50Page - Altera Corporation EPM7160E Datasheet HTML 51Page - Altera Corporation EPM7160E Datasheet HTML 52Page - Altera Corporation EPM7160E Datasheet HTML 53Page - Altera Corporation EPM7160E Datasheet HTML 54Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
50
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
These values are specified under the recommended operating conditions shown in Table 14. See Figure 13 for more
information on switching waveforms.
(2)
This minimum pulse width for preset and clear applies for both global clear and array controls. The tLPA parameter
must be added to this minimum width if the clear or reset signal incorporates the tLAD parameter into the signal
path.
(3)
This parameter is a guideline that is sample-tested only and is based on extensive device characterization. This
parameter applies for both global and array clocking.
(4)
These parameters are measured with a 16-bit loadable, enabled, up/down counter programmed into each LAB.
(5)
The fMAX values represent the highest frequency for pipelined data.
(6)
Operating conditions: VCCIO = 3.3 V ± 10% for commercial and industrial use.
(7)
For EPM7064S-5, EPM7064S-6, EPM7128S-6, EPM7160S-6, EPM7160S-7, EPM7192S-7, and EPM7256S-7 devices,
these values are specified for a PIA fan-out of one LAB (16 macrocells). For each additional LAB fan-out in these
devices, add an additional 0.1 ns to the PIA timing value.
(8)
The tLPA parameter must be added to the tLAD, tLAC, tIC, tEN, tSEXP, tACL, and tCPPW parameters for macrocells
running in the low-power mode.
tH
Register hold time
1.7
3.0
4.0
ns
tFSU
Register setup time of fast
input
2.3
3.0
2.0
ns
tFH
Register hold time of fast
input
0.7
0.5
1.0
ns
tRD
Register delay
1.4
2.0
1.0
ns
tCOMB
Combinatorial delay
1.2
2.0
1.0
ns
tIC
Array clock delay
3.2
5.0
6.0
ns
tEN
Register enable time
3.1
5.0
6.0
ns
tGLOB
Global control delay
2.5
1.0
1.0
ns
tPRE
Register preset time
2.7
3.0
4.0
ns
tCLR
Register clear time
2.7
3.0
4.0
ns
tPIA
PIA delay
(7)
2.4
1.0
2.0
ns
tLPA
Low-power adder
(8)
10.0
11.0
13.0
ns
Table 36. EPM7192S Internal Timing Parameters (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
-7
-10
-15
Min
Max
Min
Max
Min
Max


Similar Part No. - EPM7160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com