Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7160E Datasheet(PDF) 35 Page - Altera Corporation

Part # EPM7160E
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7160E Datasheet(HTML) 35 Page - Altera Corporation

Back Button EPM7160E Datasheet HTML 31Page - Altera Corporation EPM7160E Datasheet HTML 32Page - Altera Corporation EPM7160E Datasheet HTML 33Page - Altera Corporation EPM7160E Datasheet HTML 34Page - Altera Corporation EPM7160E Datasheet HTML 35Page - Altera Corporation EPM7160E Datasheet HTML 36Page - Altera Corporation EPM7160E Datasheet HTML 37Page - Altera Corporation EPM7160E Datasheet HTML 38Page - Altera Corporation EPM7160E Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Altera Corporation
35
MAX 7000 Programmable Logic Device Family Data Sheet
Table 23. MAX 7000 & MAX 7000E External Timing Parameters
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
MAX 7000E (-12P)
MAX 7000 (-12)
MAX 7000E (-12)
Min
Max
Min
Max
tPD1
Input to non-registered output
C1 = 35 pF
12.0
12.0
ns
tPD2
I/O input to non-registered output
C1 = 35 pF
12.0
12.0
ns
tSU
Global clock setup time
7.0
10.0
ns
tH
Global clock hold time
0.0
0.0
ns
tFSU
Global clock setup time of fast input (2)
3.0
3.0
ns
tFH
Global clock hold time of fast input
(2)
0.0
0.0
ns
tCO1
Global clock to output delay
C1 = 35 pF
6.0
6.0
ns
tCH
Global clock high time
4.0
4.0
ns
tCL
Global clock low time
4.0
4.0
ns
tASU
Array clock setup time
3.0
4.0
ns
tAH
Array clock hold time
4.0
4.0
ns
tACO1
Array clock to output delay
C1 = 35 pF
12.0
12.0
ns
tACH
Array clock high time
5.0
5.0
ns
tACL
Array clock low time
5.0
5.0
ns
tCPPW
Minimum pulse width for clear and
preset
(3)
5.0
5.0
ns
tODH
Output data hold time after clock
C1 = 35 pF (4)
1.0
1.0
ns
tCNT
Minimum global clock period
11.0
11.0
ns
fCNT
Maximum internal global clock
frequency
(5)
90.9
90.9
MHz
tACNT
Minimum array clock period
11.0
11.0
ns
fACNT
Maximum internal array clock
frequency
(5)
90.9
90.9
MHz
fMAX
Maximum clock frequency
(6)
125.0
125.0
MHz


Similar Part No. - EPM7160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com