Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UE273RKVF Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1UE273RKVF
Description  Low Voltage Operation,Anti Electromagnetic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE273RKVF Datasheet(HTML) 3 Page - Sharp Corporation

  GP1UE273RKVF Datasheet HTML 1Page - Sharp Corporation GP1UE273RKVF Datasheet HTML 2Page - Sharp Corporation GP1UE273RKVF Datasheet HTML 3Page - Sharp Corporation GP1UE273RKVF Datasheet HTML 4Page - Sharp Corporation GP1UE273RKVF Datasheet HTML 5Page - Sharp Corporation GP1UE273RKVF Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sheet No.: OP06006
Recommended Operating Conditions
Parameter
Symbol
Operating conditions
Unit
VCC
2.7 to 5.5
V
Supply voltage
Internal Block Diagram
VOUT
RL
VCC
GND
B.P.F.
Limiter
Demodulator Integrator Comparator
Absolute Maximum Ratings
*1 No dew condensation is allowed
*2 For 6s (At mounting on PCB with thickness of 1.6mm)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
V
Operating temperature
Topr
*1
*2
Storage temperature
Tstg
Soldering temperature
Tsol
265
(Ta=25℃)
0 to +6.0
-10 to +70
-20 to +70
Parameter
Conditions
No input light
*3
*3
*3
*3
MIN.
400
600
TYP.
0.27
MAX.
0.4
0.45
1000
1200
Unit
mA
V
V
μ
s
μ
s
Dissipation current
High level output voltage
Low level output voltage
High level pulse width
Symbol
ICC
VOH
T1
VOL
T2
Low level pulse width
*4
kHz
f0
B.P.F. center frequency
70
100
130
Output pull-up resistance
*3 The burst wave as shown in the following figure shall be transmitted by the transmitter shown in Fig. 1
*4
Electro-optical Characteristics
(Ta=25℃, VCC=3V)
-
VCC-0.5
-
-
-
-
-
-
-
-
-
-
The carrier frequency of the transmitter, however, shall be same as *4, and measurement shall be from just after starting the transmission until 50 pulse
The B.P.F. center frequency f0 varies with model, as shown in ■Model Line-up
1000μs
600μs
f0=(*4)
Duty 50%
Burst wave
GP1UE26RK0VF/GP1UE27RK0VF Series
GP1UE28RK0VF/GP1UE28QK0VF Series
IOL=1.6mA
RL


Similar Part No. - GP1UE273RKVF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UE270XK SHARP-GP1UE270XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE271XK SHARP-GP1UE271XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE272XK SHARP-GP1UE272XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE277XK SHARP-GP1UE277XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE27XK SHARP-GP1UE27XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UE273RKVF

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
   Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
   Low Voltage Operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
   Low-voltage Operation
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
   Low voltage operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
   Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
   Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com