Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UE282RKVF Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1UE282RKVF
Description  Low Voltage Operation,Anti Electromagnetic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE282RKVF Datasheet(HTML) 1 Page - Sharp Corporation

  GP1UE282RKVF Datasheet HTML 1Page - Sharp Corporation GP1UE282RKVF Datasheet HTML 2Page - Sharp Corporation GP1UE282RKVF Datasheet HTML 3Page - Sharp Corporation GP1UE282RKVF Datasheet HTML 4Page - Sharp Corporation GP1UE282RKVF Datasheet HTML 5Page - Sharp Corporation GP1UE282RKVF Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Sheet No.: OP06006
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Low Voltage Operation,Anti Electromagnetic
induction Noise Type,Compact IR Detecting Unit
for Remote Control
1. AV equipments
2. Home appliances
Features
Applications
1.
Low dissipation current:MAX. 0.4mA(at Vcc=3V)
2.
Low operating voltage:2.7 to 5.5V
4. Compact (case volume).
5.
■ Outline Dimens ions
GP1UE26RK0VF Series
GP1UE27RK0VF Series
1.*1 : Indicates root dimensions of connector.
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
1.*1 : Indicates root dimensions of connector.
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
(Unit : mm)
3. Anti electomagnetic induction noise type.
5.6
2.2
8.6 0.5
*13.6 0.5
*32.9
*35.8
*32.9
5
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
V OUT
V CC
G ND
1
2
3
*12.54
*12.54
0.5
0.7
0.7
C enter
of P D
1
2
3
1
2
3
5.6
2.2
1.25
1.25
13.8 0.5
*23.6 0.5
*32.9
*35.8
*32.9
10.2
3.6
1.4
1.4
2.54
2.54
Example of mounting drawing
from solder side (Reference)
V OUT
V CC
G ND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
C enter
of P D
1 2
3
3 2
1
GP1UE26RK0VF/GP1UE27RK0VF Series
GP1UE28RK0VF/GP1UE28QK0VF Series
GP1UE26RK0VF/GP1UE27RK0VF Series
GP1UE28RK0VF/GP1UE28QK0VF Series
Various B.P.F. (Band-Pass Filter) frequency to meetdifferent user needs.
6. Lead-free and RoHS directive compliant.
2.Unspecified tolerance : ±0.3
5.*3 : If there are difficulties to insert the GP1UE26RK0VF series on PCB,
we recommend to expand 0.1mm from original 2.9mm.
2.Unspecified tolerance : ±0.3
5.*3 : If there are difficulties to insert the GP1UE27RK0VF series on PCB,
we recommend to expand 0.1mm from original 2.9mm.
3-φ
0.8
3-φ
0.8


Similar Part No. - GP1UE282RKVF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UE282XK SHARP-GP1UE282XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
GP1UE282YK SHARP-GP1UE282YK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UE282RKVF

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
   Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
   Low Voltage Operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
   Low-voltage Operation
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
   Low voltage operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
   Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
   Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com