Electronic Components Datasheet Search |
|
V0603MHS03NR Datasheet(PDF) 1 Page - Littelfuse |
|
V0603MHS03NR Datasheet(HTML) 1 Page - Littelfuse |
1 / 6 page Varistor Products ©2010 Littelfuse, Inc. Revision: June 28, 2010 MHS Varistor Series Surface Mount Multilayer Varistors (MLVs) > MHS Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/MHS.html for current information. MHS Varistor Series RoHS Description The Multilayer High–Speed MHS Series is a very-low capacitance extension to the Littelfuse ML family of transient voltage surge suppression devices available in an 0402 and 0603–size surface mount chip. The MHS Series provides protection from ESD and EFT in high–speed data line and other high frequency applications. The low capacitance of the MHS Series permits usage in analog or digital circuits where it will not attenuate or distort the desired signal or data. Their small size is ideal for high–density printed circuit boards, being typically applied to protect intergrated circuits and other sensitive components. They are particularly well suited to suppress ESD events including those specified in IEC 61000-4-2 or other standards used for Electromagnetic Compliance (EMC) testing. The MHS Series is manufactured from semiconducting ceramics and is supplied in a leadless, surface mount package. The MHS Series is also compatible with modern reflow and wave soldering prcesses. Littelfuse Inc. manufactures other multilayer varistor series products, see the ML, MLE, MLN and AUML Series data sheets. Features • AEC - Q200 compliant • RoHS compliant • 3pF, 12pF, and 22pF capacitance versions suitable for high–speed data rate lines • ESD rated to IEC 61000-4-2 (Level 4) • EFT/B rated to IEC 61000-4-4 (Level 4) • Low leakage currents • -55ºC to +125ºC operating temp. range • Inherently bi-directional Applications • Data, Diagnostic I/O Ports • Universal Serial Bus (USB) • Video & Audio Ports • Portable/Hand- Held Products • Mobile Communications • Computer/DSP Products • Industrial Instruments Including Medical Absolute Maximum Ratings Size Table Metric EIA 1005 0402 1608 0603 • For ratings of individual members of a series, see device ratings and specifications table. Continuous MHS Series Units Steady State Applied Voltage: DC Voltage Range (V M(DC)) : V0402/0603MHS03 ≤ 42 V V0402/0603MHS12 ≤ 18 V V0402/0603MHS22 ≤ 09 V Operating Ambient Temperature Range (T A) -55 to +125 O C Storage Temperature Range (T STG) -55 to +150 O C |
Similar Part No. - V0603MHS03NR |
|
Similar Description - V0603MHS03NR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |