Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7160E Datasheet(PDF) 26 Page - Altera Corporation

Part # EPM7160E
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7160E Datasheet(HTML) 26 Page - Altera Corporation

Back Button EPM7160E Datasheet HTML 22Page - Altera Corporation EPM7160E Datasheet HTML 23Page - Altera Corporation EPM7160E Datasheet HTML 24Page - Altera Corporation EPM7160E Datasheet HTML 25Page - Altera Corporation EPM7160E Datasheet HTML 26Page - Altera Corporation EPM7160E Datasheet HTML 27Page - Altera Corporation EPM7160E Datasheet HTML 28Page - Altera Corporation EPM7160E Datasheet HTML 29Page - Altera Corporation EPM7160E Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
26
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
Operating
Conditions
Tables 13 through 18 provide information about absolute maximum
ratings, recommended operating conditions, operating conditions, and
capacitance for 5.0-V MAX 7000 devices.
Table 13. MAX 7000 5.0-V Device Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to ground (2)
–2.0
7.0
V
VI
DC input voltage
–2.0
7.0
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
Ceramic packages, under bias
150
° C
PQFP and RQFP packages, under bias
135
° C
Table 14. MAX 7000 5.0-V Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT
Supply voltage for internal logic and
input buffers
(3), (4), (5)
4.75
(4.50)
5.25
(5.50)
V
VCCIO
Supply voltage for output drivers,
5.0-V operation
(3), (4)
4.75
(4.50)
5.25
(5.50)
V
Supply voltage for output drivers,
3.3-V operation
(3), (4), (6)
3.00
(3.00)
3.60
(3.60)
V
VCCISP
Supply voltage during ISP
(7)
4.75
5.25
V
VI
Input voltage
–0.5 (8)
VCCINT + 0.5
V
VO
Output voltage
0VCCIO
V
TA
Ambient temperature
For commercial use
0
70
° C
For industrial use
–40
85
° C
TJ
Junction temperature
For commercial use
0
90
° C
For industrial use
–40
105
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns


Similar Part No. - EPM7160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160E ALTERA-EPM7160E Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com