Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC181226P540 Datasheet(PDF) 5 Page - AVX Corporation

Part # VC181226P540
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC181226P540 Datasheet(HTML) 5 Page - AVX Corporation

  VC181226P540 Datasheet HTML 1Page - AVX Corporation VC181226P540 Datasheet HTML 2Page - AVX Corporation VC181226P540 Datasheet HTML 3Page - AVX Corporation VC181226P540 Datasheet HTML 4Page - AVX Corporation VC181226P540 Datasheet HTML 5Page - AVX Corporation VC181226P540 Datasheet HTML 6Page - AVX Corporation VC181226P540 Datasheet HTML 7Page - AVX Corporation VC181226P540 Datasheet HTML 8Page - AVX Corporation VC181226P540 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Dimensions
L
W
T
t
Dimensions: Millimeters
(Inches)
D
Max.
0.51
±0.05
(0.020"
±0.002")
L
Max.
25.4 (1.0")
Min. Lead Length
DIMENSIONS: mm (inches)
AVX Style
VA1000
VA2000
(L) Max Length
mm
4.32
4.83
(in.)
(0.170)
(0.190)
(D) Max Diameter
mm
2.54
3.56
(in.)
(0.100)
(0.140)
DIMENSIONS: mm (inches)
AVX Style
0402
0603
0805
1206
1210
1812
2220
(L) Length
mm
1.00±0.10
1.60±0.15
2.01±0.20
3.20±0.20
3.20±0.20
4.50±0.30
5.70±0.40
(in.)
(0.040±0.004)
(0.063±0.006)
(0.079±0.008)
(0.126±0.008)
(0.126±0.008)
(0.177±0.012)
(0.224±0.016)
(W) Width
mm
0.50±0.10
0.80±0.15
1.25±0.20
1.60±0.20
2.49±0.20
3.20±0.30
5.00±0.40
(in.)
(0.020±0.004)
(0.031±0.006)
(0.049±0.008)
(0.063±0.008)
(0.098±0.008)
(0.126±0.012)
(0.197±0.016)
(T) Max Thickness
mm
0.6
0.9
1.02
1.02
1.70
2.00
2.50
(in.)
(0.024)
(0.035)
(0.040)
(0.040)
(0.067)
(0.080)
(0.098)
(t) Land Length
mm
0.25±0.15
0.35±0.15
0.71 max.
0.94 max.
1.14 max.
1.00 max.
1.00 max.
(in.)
(0.010±0.006)
(0.014±0.006)
(0.028 max.)
(0.037 max.)
(0.045 max.)
(0.039 max.)
(0.039 max.)
Lead Finish: Copper Clad Steel, Solder Coated


Similar Part No. - VC181226P540

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC181226P540 AVX-VC181226P540 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181226P540 AVX-VC181226P540 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181226P540 AVX-VC181226P540 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181226P540 AVX-VC181226P540 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC181226P540 AVX-VC181226P540 Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC181226P540

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com