Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3245ECA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL3245ECA
Description  짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3245ECA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL3245ECA Datasheet HTML 7Page - Intersil Corporation ICL3245ECA Datasheet HTML 8Page - Intersil Corporation ICL3245ECA Datasheet HTML 9Page - Intersil Corporation ICL3245ECA Datasheet HTML 10Page - Intersil Corporation ICL3245ECA Datasheet HTML 11Page - Intersil Corporation ICL3245ECA Datasheet HTML 12Page - Intersil Corporation ICL3245ECA Datasheet HTML 13Page - Intersil Corporation ICL3245ECA Datasheet HTML 14Page - Intersil Corporation ICL3245ECA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN4900.9
February 27, 2006
(set), keeping the ICL32XXE powered down until FORCEON
transitions high, or until a transition occurs on a receiver or
transmitter input.
The INVALID output signal switches low to indicate that
invalid levels have persisted on all of the receiver inputs for
more than 30
µs (see Figure 8), but this has no direct effect
on the state of the ICL32XXE (see the next sections for
methods of utilizing INVALID to power down the device).
INVALID switches high 1
µs after detecting a valid RS-232
level on a receiver input. INVALID operates in all modes
(forced or automatic powerdown, or forced on), so it is also
useful for systems employing manual powerdown circuitry.
The time to recover from automatic powerdown mode is
typically 100
µs.
Emulating Standard Automatic Powerdown
If enhanced automatic powerdown isn’t desired, the user can
implement the standard automatic powerdown feature (mimics
the function on the ICL3221E/ICL3223E/ICL3243E) by
connecting the INVALID output to the FORCEON and
FORCEOFF inputs, as shown in Figure 9. After 30
µs of invalid
receiver levels, INVALID switches low and drives the
ICL32XXE into a forced powerdown condition. INVALID
switches high as soon as a receiver input senses a valid RS-
232 level, forcing the ICL32XXE to power on. See the “INVALID
DRIVING FORCEON AND FORCEOFF” section of Table 2 for
an operational summary. This operational mode is perfect for
handheld devices that communicate with another computer via
a detachable cable. Detaching the cable allows the internal
receiver pull-down resistors to pull the inputs to GND (an invalid
RS-232 level), causing the 30
µs timer to time-out and drive the
IC into powerdown. Reconnecting the cablerestores valid
levels, causing the IC to power back up.
Hybrid Automatic Powerdown Options
For devices which communicate only through a detachable
cable, connecting INVALID to FORCEOFF (with FORCEON
= 0) may be a desirable configuration. While the cable is
attached INVALID and FORCEOFF remain high, so the
enhanced automatic powerdown logic powers down the RS-
232 device whenever there is 30 seconds of inactivity on the
receiver and transmitter inputs. Detaching the cable allows
the receiver inputs to drop to an invalid level (GND), so
INVALID switches low and forces the RS-232 device to
power down. The ICL32XXE remains powered down until
the cable is reconnected (INVALID = FORCEOFF = 1) and a
transition occurs on a receiver or transmitter input (see
Figure 7). For immediate power up when the cable is
reattached, connect FORCEON to FORCEOFF through a
network similar to that shown in Figure 5.
FIGURE 8. CONNECTIONS FOR AUTOMATIC POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL32XXE
UART
RECEIVER
INPUTS
TRANSMITTER
OUTPUTS
INVALID
OUTPUT
V+
VCC
0
V-
tINVL
tINVH
FIGURE 9. ENHANCED AUTOMATIC POWERDOWN, INVALID AND READY TIMING DIAGRAMS
READY
OUTPUT
TRANSMITTER
INPUTS
tWU
tAUTOPWDN
tAUTOPWDN
tWU
INVALID
REGION
}
ICL3225E, ICL3227E, ICL3245E


Similar Part No. - ICL3245ECA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3245ECA INTERSIL-ICL3245ECA Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245ECA INTERSIL-ICL3245ECA Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245ECAZ INTERSIL-ICL3245ECAZ Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3245ECAZ INTERSIL-ICL3245ECAZ Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3245ECAZ RENESAS-ICL3245ECAZ Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3245ECA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com