Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3710ZGPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF3710ZGPBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3710ZGPBF Datasheet(HTML) 7 Page - International Rectifier

  IRF3710ZGPBF Datasheet HTML 1Page - International Rectifier IRF3710ZGPBF Datasheet HTML 2Page - International Rectifier IRF3710ZGPBF Datasheet HTML 3Page - International Rectifier IRF3710ZGPBF Datasheet HTML 4Page - International Rectifier IRF3710ZGPBF Datasheet HTML 5Page - International Rectifier IRF3710ZGPBF Datasheet HTML 6Page - International Rectifier IRF3710ZGPBF Datasheet HTML 7Page - International Rectifier IRF3710ZGPBF Datasheet HTML 8Page - International Rectifier IRF3710ZGPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRF3710ZGPbF
www.irf.com
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) =
DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche pulsewidth, tav
assuming ∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
TOP
Single Pulse
BOTTOM 10% Duty Cycle
ID = 35A


Similar Part No. - IRF3710ZGPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3710Z IRF-IRF3710Z Datasheet
270Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF3710Z ISC-IRF3710Z Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3710ZL IRF-IRF3710ZL Datasheet
270Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710ZL KERSEMI-IRF3710ZL Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results

Similar Description - IRF3710ZGPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com