Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1497 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SD1497
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1497 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SD1497 Datasheet HTML 1Page - Savantic, Inc. 2SD1497 Datasheet HTML 2Page - Savantic, Inc. 2SD1497 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1497
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA; IC=0
7
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA; RBE=;
600
V
VCEsat
Collector-emitter saturation voltage
IC=5A; IB=1A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=5A; IB=1A
1.5
V
ICEX
Collector cut-off current
VCE=1500V; VBE=1.5V
1.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
1.0
mA
hFE-1
DC current gain
IC=0.3A ; VCE=5V
10
30
hFE-2
DC current gain
IC=5A ; VCE=5V
5
tf
Fall time
ICP=4A;IB1=1.3A; LB=0
2.0
µs


Similar Part No. - 2SD1497

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1497 ETC-2SD1497 Datasheet
27Kb / 1P
   SILICON NPN TRIPLE DIFFUSED TV HORIZONTAL DEFLECTION OUTPUT
logo
Inchange Semiconductor ...
2SD1497 ISC-2SD1497 Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1497 SAVANTIC-2SD1497 Datasheet
143Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1497

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com