Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-70568-0054 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-70568-0054
Description  2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-70568-0054 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-70568-0054 Datasheet HTML 1Page - Molex Electronics Ltd. A-70568-0054 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/26/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-47-7644
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid® Header, Through Hole, Dual Row, Vertical, High Temperature,
Shrouded, with Peg, 44 Circuits, 0.38µm Gold (Au) Selective Plating, Tin (Sn) PC Tail
Plating
Documents:
3D Model
Product Specification PS-70567 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70568
Application
Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid®
UPC
800754628211
Physical
Breakaway
No
Circuits (Loaded)
44
Circuits (maximum)
44
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Resin
High Temperature Thermoplastic
Net Weight
7.742/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
2.40mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70568Series


Similar Part No. - A-70568-0054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70568-0054 MOLEX2-A-70568-0054 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 44 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
A-70568-0054 MOLEX2-A-70568-0054 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - A-70568-0054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-47-7512 MOLEX11-15-47-7512 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7518 MOLEX11-15-47-7518 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7520 MOLEX11-15-47-7520 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7542 MOLEX11-15-47-7542 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7548 MOLEX11-15-47-7548 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7762 MOLEX11-15-47-7762 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7766 MOLEX11-15-47-7766 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7506 MOLEX11-15-47-7506 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7550 MOLEX11-15-47-7550 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7560 MOLEX11-15-47-7560 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
15-47-7562 MOLEX11-15-47-7562 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com