Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R596332100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R596332100
Description  SLIM-LINE SMT Power Micro-SPDT with 10 GHz capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R596332100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R596332100 Datasheet HTML 1Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 2Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 3Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 4Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 5Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 6Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 7Page - List of Unclassifed Manufacturers R596332100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TECHNICAL DATA SHEET
R 596 - - - - - -
S
S
SL
L
LIIIM
M
M---L
L
LIIIN
N
NE
E
E S
S
SM
M
MT
T
T P
P
Po
o
ow
w
we
e
er
rr M
M
Miiic
c
cr
rro
o
o---S
S
SP
P
PD
D
DT
T
T w
w
wiiittth
h
h 1
1
10
0
0 G
G
GH
H
Hz
zz c
c
ca
a
ap
p
pa
a
ab
b
biiillliiitttiiie
e
es
s
s
Issue : Feb-23-2011
In the continual goal to improve our products, we reserve the right to make any modification judged necessary.
ISO 9001 certified
Page
2
www.radiall.com
E-Mail : USA : rfswitchusa@radiall.com / Rest of the world : switchingproducts@radiall.com
Operating mode
Failsafe (types 1 and 9)
Latching (type 3)
Nominal operating voltage (across temperature range) Vdc
12
(10.2 to 13)
24
(20.5 to 30)
12
(10.2 to 13)
24
(20.5 to 30)
Coil resistance at 23°C (+/-10%)
Ohms
330
1130
205
865
Operating current at 23°C
mA
36
25
58
32
RF and command ports
½ hole gold plated, Infrared reflow, forced air oven or hand soldering
(Compatible with “lead free” soldering processes)
Switching time at nominal voltage
- Making contacts
- Breaking contacts
Max 4ms (typical 1.8ms), including contact bounce time
Max 1ms (typical 0.5ms)
- Cold switching (max 120 cycles/min)
2 million cycles
Life
- Hot switching (max 20 cycles/min)
500.000 cycles (1W, impedance 50
Ω, V.S.W.R. <1.25)
Dielectric test voltage
300 Vrms
Insulation
Insulation resistance at 500VDC
> 100 MOhms
Environmental protection
“LEAD FREE” construction
Waterproof (acc. To IEC 60529 / IP67)
Mass
< 2g
Operating temperature range
°C
Failsafe
Latching
(with no icing nor condensation)
-25 to +85 (1)
-40 to +85
Storage temperature range
°C
-55 to +85
Sine vibration (MIL STD 202, Method 204D)
- Condition D
: 10-2000 Hz, 20g
operating
- Condition G
: 10-2000 Hz, 30g
non operating
Random vibration (MIL STD 202, Method 214A, Profile I)
- Condition F
: 50-2000 Hz, 20.71 grms operating
- Condition H
: 50-2000 Hz, 29.28 grms non operating
Shocks (According to MIL STD 202, Method 213B, Cond. C)
100g / 6 ms, ½ sine
operating
(1)
: Failsafe models may be used down to –40°C, b ut if coil remains permanently supplied at nominal voltage, the holding current value
must be reduced by 45% to 55% so as to avoid internal condensation. (for more details, see RADIALL application note AN-R596-51).
Failsafe model
Inverted failsafe model for
Latching model
(type 1)
by-pass applications (type 9)
(type 3)
GENERAL SPECIFICATIONS
PIN IDENTIFICATION ( top view)
+1 -1 -2 +2
1
2
C
1(NC)
2(NO)
C
2(NO)
1(NC)
C
+
-
Voltage
RF continuity
De-energized
C <--> 1(NC)
Energized
C <--> 2(NO)
Voltage
RF continuity
-1
+1
C <--> 1
-2
+2
C <--> 2
Voltage
RF continuity
De-energized
C <--> 1(NC)
Energized
C <--> 2(NO)
Voltage
RF continuity
De-energized
C <--> 1(NC)
Energized
C <--> 2(NO)
-
+


Similar Part No. - R596332100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
R59-0.25A NTE-R59-0.25A Datasheet
494Kb / 1P
   Circuit Breakers
R59-0.5A NTE-R59-0.5A Datasheet
494Kb / 1P
   Circuit Breakers
R59-10A NTE-R59-10A Datasheet
494Kb / 1P
   Circuit Breakers
R59-12A NTE-R59-12A Datasheet
494Kb / 1P
   Circuit Breakers
More results

Similar Description - R596332100

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-3-SC-R PUIAUDIO-AS01508AO-3-SC-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-WP-R PUIAUDIO-AS01508AO-WP-R Datasheet
1Mb / 4P
   15 x 11 mm Slim-Line Micro Speakers
AS01808AO-3-SC-R PUIAUDIO-AS01808AO-3-SC-R Datasheet
1Mb / 4P
   15 x 11 mm Slim-Line Micro Speakers
AS01808AO-3-R PUIAUDIO-AS01808AO-3-R Datasheet
1Mb / 4P
   15 x 11 mm Slim-Line Micro Speakers
AS01808AO-WP-R PUIAUDIO-AS01808AO-WP-R Datasheet
1Mb / 4P
   15 x 11 mm Slim-Line Micro Speakers
logo
List of Unclassifed Man...
PS5R-SB24 ETC2-PS5R-SB24 Datasheet
319Kb / 2P
   Slim Line Power Supplies PS5R-S
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com