Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ20A Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SMDJ20A
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMDJ20A Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SMDJ20A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMDJ20A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMDJ20A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMDJ20A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMDJ20A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMDJ20A Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMDJ20A Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
2 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMDJ Series
5.0 To 440 V
3000W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMDJ5.0
SMDJ5.0C
RDD
DDD
5.0
6.40
7.30
7.37
10
9.6
312.50
1000
SMDJ5.0A
SMDJ5.0CA
RDE
DDE
5.0
6.40
7.00
7.37
10
9.2
326.09
1000
SMDJ6.0
SMDJ6.0C
RDF
DDF
6.0
6.67
8.15
10
11.4
263.16
1000
SMDJ6.0A
SMDJ6.0CA
RDG
DDG
6.0
6.67
7.37
10
10.3
291.26
1000
SMDJ6.5
SMDJ6.5C
RDH
DDH
6.5
7.22
8.82
10
12.3
243.90
500
SMDJ6.5A
SMDJ6.5CA
RDK
DDK
6.5
7.22
7.98
10
11.2
267.86
500
SMDJ7.0
SMDJ7.0C
RDL
DDL
7.0
7.78
9.51
10
13.3
225.56
200
SMDJ7.0A
SMDJ7.0CA
PDM
DDM
7.0
7.78
8.60
10
12.0
250.00
200
SMDJ7.5
SMDJ7.5C
PDN
DDN
7.5
8.33
10.20
1
14.3
209.79
100
SMDJ7.5A
SMDJ7.5CA
PDP
DDP
7.5
8.33
9.21
1
12.9
232.56
100
SMDJ8.0
SMDJ8.0C
PDQ
DDQ
8.0
8.89
10.90
1
15.0
200.00
50
SMDJ8.0A
SMDJ8.0CA
PDR
DDR
8.0
8.89
9.83
1
13.6
220.59
50
SMDJ8.5
SMDJ8.5C
PDS
DDS
8.5
9.44
11.50
1
15.9
188.68
25
SMDJ8.5A
SMDJ8.5CA
PDT
DDT
8.5
9.44
10.40
1
14.4
208.33
25
SMDJ9.0
SMDJ9.0C
PDU
DDU
9.0
10.00
12.20
1
16.9
177.51
10
SMDJ9.0A
SMDJ9.0CA
PDV
DDV
9.0
10.00
11.10
1
15.4
194.81
10
SMDJ10
SMDJ10C
PDW
DDW
10.0
11.10
13.60
1
18.8
159.57
5
SMDJ10A
SMDJ10CA
PDX
DDX
10.0
11.10
12.30
1
17.0
176.47
5
SMDJ11
SMDJ11C
PDY
DDY
11.0
12.20
14.90
1
20.1
149.25
5
SMDJ11A
SMDJ11CA
PDZ
DDZ
11.0
12.20
13.50
1
18.2
164.84
5
SMDJ12
SMDJ12C
PED
DED
12.0
13.30
16.30
1
22.0
136.36
5
SMDJ12A
SMDJ12CA
PEE
DEE
12.0
13.30
14.70
1
19.9
150.75
5
SMDJ13
SMDJ13C
PEF
DEF
13.0
14.40
17.60
1
23.8
126.05
5
SMDJ13A
SMDJ13CA
PEG
DEG
13.0
14.40
15.90
1
21.5
139.53
5
SMDJ14
SMDJ14C
PEH
DEH
14.0
15.60
19.10
1
25.8
116.28
5
SMDJ14A
SMDJ14CA
PEK
DEK
14.0
15.60
17.20
1
23.2
129.31
5
SMDJ15
SMDJ15C
PEL
DEL
15.0
16.70
20.40
1
26.9
111.52
5
SMDJ15A
SMDJ15CA
PEM
DEM
15.0
16.70
18.50
1
24.4
122.95
5
SMDJ16
SMDJ16C
PEN
DEN
16.0
17.80
21.80
1
28.8
104.17
5
SMDJ16A
SMDJ16CA
PEP
DEP
16.0
17.80
19.70
1
26.0
115.38
5
SMDJ17
SMDJ17C
PEQ
DEQ
17.0
18.90
23.10
1
30.5
98.36
5
SMDJ17A
SMDJ17CA
PER
DER
17.0
18.90
20.90
1
27.6
108.70
5
SMDJ18
SMDJ18C
PES
DES
18.0
20.00
24.40
1
32.2
93.17
5
SMDJ18A
SMDJ18CA
PET
DET
18.0
20.00
22.10
1
29.2
102.74
5
SMDJ19
SMDJ19C
PEA
DEA
19.0
21.13
25.76
1
34.0
88.21
5
SMDJ19A
SMDJ19CA
PEB
DEB
19.0
21.10
23.30
1
30.8
97.47
5
SMDJ20
SMDJ20C
PEU
DEU
20.0
22.20
27.10
1
35.8
83.80
5
SMDJ20A
SMDJ20CA
PEV
DEV
20.0
22.20
24.50
1
32.4
92.59
5
SMDJ22
SMDJ22C
PEW
DEW
22.0
24.40
29.80
1
39.4
76.14
5
SMDJ22A
SMDJ22CA
PEX
DEX
22.0
24.40
26.90
1
35.5
84.51
5
SMDJ24
SMDJ24C
PEY
DEY
24.0
26.70
32.60
1
43.0
69.77
5
SMDJ24A
SMDJ24CA
PEZ
DEZ
24.0
26.70
29.50
1
38.9
77.12
5
SMDJ26
SMDJ26C
PFD
DFD
26.0
28.90
35.30
1
46.6
64.38
5
SMDJ26A
SMDJ26CA
PFE
DFE
26.0
28.90
31.90
1
42.1
71.26
5
SMDJ28
SMDJ28C
PFF
DFF
28.0
31.10
38.00
1
50.0
60.00
5
SMDJ28A
SMDJ28CA
PFG
DFG
28.0
31.10
34.40
1
45.4
66.08
5
SMDJ30
SMDJ30C
PFH
DFH
30.0
33.30
40.70
1
53.5
56.07
5
SMDJ30A
SMDJ30CA
PFK
DFK
30.0
33.30
36.80
1
48.4
61.98
5
SMDJ33
SMDJ33C
PFL
DFL
33.0
36.70
44.90
1
59.0
50.85
5
SMDJ33A
SMDJ33CA
PFM
DFM
33.0
36.70
40.60
1
53.3
56.29
5
SMDJ36
SMDJ36C
PFN
DFN
36.0
40.00
48.90
1
64.3
46.66
5
SMDJ36A
SMDJ36CA
PFP
DFP
36.0
40.00
44.20
1
58.1
51.64
5
SMDJ40
SMDJ40C
PFQ
DFQ
40.0
44.40
54.30
1
71.4
42.02
5
SMDJ40A
SMDJ40CA
PFR
DFR
40.0
44.40
49.10
1
64.5
46.51
5
SMDJ43
SMDJ43C
PFS
DFS
43.0
47.80
58.40
1
76.7
39.11
5
SMDJ43A
SMDJ43CA
PFT
DFT
43.0
47.80
52.80
1
69.4
43.23
5
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - SMDJ20A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SMDJ20A THINKISEMI-SMDJ20A Datasheet
882Kb / 4P
   ThinkiSemi 3KW,10V-100V Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMDJ20A ETC1-SMDJ20A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
SUNMATE electronic Co.,...
SMDJ20A SUNMATE-SMDJ20A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Guangdong Juxing Electr...
SMDJ20A JUXING-SMDJ20A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
WeEn Semiconductors
SMDJ20A WEEN-SMDJ20A Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
More results

Similar Description - SMDJ20A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com