Electronic Components Datasheet Search |
|
SMAJ7.0A Datasheet(PDF) 24 Page - Socay Electornics Co., Ltd. |
|
SMAJ7.0A Datasheet(HTML) 24 Page - Socay Electornics Co., Ltd. |
24 / 56 page www.socay.com 24 Surface Mount Transient Voltage Suppressors (TVS) SACB Series 5.0 To 190 V 500W Low Capacitance Uni-directional u Glass passivated chip u 500W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01% u Low leakage u Excellent clamping capability u Very fast response time u RoHS compliant DO-214AA(SMB) Inches Millimeters Dimensions Min Max Min Max A 0.077 0.087 1.960 2.200 B 0.171 0.191 4.350 4.850 C 0.130 0.155 3.300 3.940 D 0.084 0.096 2.130 2.440 E 0.030 0.060 0.750 1.520 F - 0.008 - 0.203 G 0.201 0.216 5.100 5.500 H 0.006 0.012 0.152 0.305 I 0.089 - 2.260 - J 0.085 - 2.160 - K - 0.107 - 2.740 L 0.085 - 2.160 - Breakdown Voltage VBR @IT=1.0mA (V) Part Number Device Marking Code Reverse Stand-Off Voltage VRWM (V) MIN Maximum Reverse Leakage IR @VRWM ( μA) Maximum Clamping Voltage VC @IPP (V) Maximum Peak Pulse Current IPP (A) Maximum Junction Capacitance @0V (pF) Working Inverse Blocking Voltage VWIB (V) Inverse Blocking Leakage Current IIB @VWIB (mA) Peak Inverse Voltage VPIB (V) SACB5.0 SAD 5.0 7.60 300 10.0 44.0 45 75 1 100 SACB6.0 SAE 6.0 7.90 300 11.2 41.0 45 75 1 100 SACB7.0 SAF 7.0 8.33 300 12.6 38.0 45 75 1 100 SACB8.0 SAG 8.0 8.89 100 13.4 36.0 45 75 1 100 SACB8.5 SAH 8.5 9.44 50 14.0 34.0 45 75 1 100 SACB10 SAK 10.0 11.10 5 16.3 29.0 45 75 1 100 SACB12 SAL 12.0 13.30 5 19.0 25.0 45 75 1 100 SACB15 SAM 15.0 16.67 5 23.6 20.0 45 75 1 100 SACB18 SAN 18.0 20.00 5 28.8 15.0 45 75 1 100 SACB22 SAP 22.0 24.40 5 35.4 14.0 45 75 1 100 SACB26 SAQ 26.0 28.90 5 42.3 11.1 45 75 1 100 SACB30 SAR 30.0 33.30 5 48.6 10.0 45 75 1 100 SACB36 SAS 36.0 40.00 5 60.0 8.6 45 75 1 100 SACB45 SAT 45.0 50.00 5 77.0 6.8 45 150 1 200 SACB50 SAU 50.0 55.50 5 88.0 5.8 45 150 1 200 Electrical Characteristics (TA=25℃ unless otherwise noted) Dimensions Features DO-214AA (SMB) Cathode Band |
Similar Part No. - SMAJ7.0A |
|
Similar Description - SMAJ7.0A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |