Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07D680K Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # 07D680K
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

07D680K Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  07D680K Datasheet HTML 1Page - Socay Electornics Co., Ltd. 07D680K Datasheet HTML 2Page - Socay Electornics Co., Ltd. 07D680K Datasheet HTML 3Page - Socay Electornics Co., Ltd. 07D680K Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
07D Series
Type Number
Maximum
Allowable
voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000
μs)
Rated
Power
Typical
Capacitance
(Reference)
I(A)
Standard
I(A)
High Surge
Standard
High
Surge
VAC
(V)
VDC
(V)
V1mA
(V)
IP
(A)
VC
(V)
1 Time
2 Times
1 Time
2 Times
(J)
Standard
(J)
High Surge
(W)
@1KHZ
(pf)
07D180K
07D180KJ
11
14
18(15~21.6)
2.5
36
250
125
500
250
0.9
2.0
0.02
2800
07D220K
07D220KJ
14
18
22(19.5~26)
2.5
43
250
125
500
250
1.1
2.4
0.02
2300
07D270K
07D270KJ
17
22
27(24~30)
2.5
53
250
125
500
250
1.4
3.0
0.02
1800
07D330K
07D330KJ
20
26
33(29.5~36.5)
2.5
66
250
125
500
250
1.7
3.5
0.02
1500
07D390K
07D390KJ
25
31
39(35~43)
2.5
77
250
125
500
250
2.1
4.0
0.02
1300
07D470K
07D470KJ
30
38
47(42~54)
2.5
93
250
125
500
250
2.5
5.0
0.02
1100
07D560K
07D560KJ
35
45
56(50~62)
2.5
110
250
125
500
250
3.1
6.0
0.02
900
07D680K
07D680KJ
40
56
68(61~75)
2.5
135
250
125
500
250
3.6
7.0
0.02
740
07D820K
07D820KJ
50
65
82(74~90)
10
135
1200
600
1750
1250
5.5
10.0
0.25
600
07D101K
07D101KJ
60
85
100(90~110)
10
165
1200
600
1750
1250
6.5
12.0
0.25
500
07D121K
07D121KJ
75
100
120(108~132)
10
200
1200
600
1750
1250
7.8
13.0
0.25
420
07D151K
07D151KJ
95
125
150(135~165)
10
250
1200
600
1750
1250
9.7
13.0
0.25
330
07D181K
07D181KJ
115
150
180(162~198)
10
300
1200
600
1750
1250
11.7
16.0
0.25
280
07D201K
07D201KJ
130
170
200(180~220)
10
340
1200
600
1750
1250
13.0
17.0
0.25
250
07D221K
07D221KJ
140
180
220(198~242)
10
360
1200
600
1750
1250
14.0
19.0
0.25
230
07D241K
07D241KJ
150
200
240(216~264)
10
395
1200
600
1750
1250
15.0
21.0
0.25
210
07D271K
07D271KJ
175
225
270(243~297)
10
455
1200
600
1750
1250
18.0
24.0
0.25
185
07D301K
07D301KJ
190
250
300(270~330)
10
500
1200
600
1750
1250
20.0
26.0
0.25
165
07D331K
07D331KJ
210
275
330(297~363)
10
550
1200
600
1750
1250
23.0
28.0
0.25
150
07D361K
07D361KJ
230
300
360(324~396)
10
595
1200
600
1750
1250
25.0
32.0
0.25
140
07D391K
07D391KJ
250
320
390(351~429)
10
650
1200
600
1750
1250
25.0
35.0
0.25
130
07D431K
07D431KJ
275
350
430(387~473
10
710
1200
600
1750
1250
28.0
40.0
0.25
115
07D471K
07D471KJ
300
335
470(423~517)
10
775
1200
600
1750
1250
30.0
42.0
0.25
105
07D511K
07D511KJ
320
415
510(459~561)
10
845
1200
600
1750
1250
30.0
45.0
0.25
100
07D561K
07D561KJ
350
460
560(504~616)
10
925
1200
600
1750
1250
30.0
49.0
0.25
90
07D621K
07D621KJ
385
505
620(558~682)
10
1025
1200
600
1750
1250
33.0
55.0
0.25
80
07D681K
07D681KJ
420
560
680(612~748)
10
1120
1200
600
1750
1250
33.0
60.0
0.25
75
07D751K
07D751KJ
460
615
750(675~825)
10
1240
1200
600
1750
1250
67.2
65.0
0.25
70
07D781K
07D781KJ
485
640
780(702~858)
10
1290
1200
600
1750
1250
67.2
65.0
0.25
70
07D821K
07D821KJ
510
670
820(738~902)
10
1355
1200
600
1750
1250
67.2
70.0
0.25
60
Remark: Voltage>33V, K is
±10%
Specifications
– General Characteristics (25±5ºC)


Similar Part No. - 07D680K

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
07D680K RUILON-07D680K Datasheet
755Kb / 7P
   Metal Oxide Varistors
logo
StarHope
07D680K SPSEMI-07D680K Datasheet
539Kb / 2P
   Varistor Type MYG
logo
HuaXinAn Electronics CO...
07D680K HUAXINAN-07D680K Datasheet
229Kb / 3P
   Metal Oxide Varistors
07D680K HUAXINAN-07D680K Datasheet
470Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
07D680K LEIDITECH-07D680K Datasheet
510Kb / 5P
   Metal Oxide Varistors
More results

Similar Description - 07D680K

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com