Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP250 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CP250
Description  NPN - High Voltage Transistor Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP250 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CP250 Datasheet HTML 1Page - Central Semiconductor Corp CP250 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROCESS
CP250
Typical Electrical Characteristics
www.centra lsemi.com
R0 (19-July 2010)


Similar Part No. - CP250

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP2500 PANJIT-CP2500 Datasheet
68Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Lineage Power Corporati...
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
logo
Pan Jit International I...
CP2501 PANJIT-CP2501 Datasheet
68Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Silicon Laboratories
CP2501 SILABS-CP2501 Datasheet
39Kb / 2P
   Adds Windows-compatible USB HID touchscreen interface to touch-screen modules
More results

Similar Description - CP250

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP311 CENTRAL-CP311 Datasheet
215Kb / 2P
   Power Transistor NPN High Voltage Transistor Chip
CP268 CENTRAL-CP268 Datasheet
203Kb / 2P
   Power Transistor NPN - High Voltage Transistor Chip
CP349 CENTRAL-CP349 Datasheet
40Kb / 1P
   Power Transistor NPN- High Voltage Transistor Chip
CP331 CENTRAL-CP331 Datasheet
719Kb / 2P
   NPN - High Voltage Darlington Transistor Chip
CP316 CENTRAL-CP316 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP336V CENTRAL-CP336V Datasheet
731Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP310 CENTRAL-CP310_10 Datasheet
481Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP318V CENTRAL-CP318V Datasheet
126Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP310 CENTRAL-CP310 Datasheet
219Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP318V CENTRAL-CP318V_10 Datasheet
394Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com