Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14D331KJ Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # 14D331KJ
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

14D331KJ Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  14D331KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 14D331KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 14D331KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 14D331KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
14D Series
Type Number
Maximum
Allowable
voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000
μs)
Rated
Power
Typical
Capacitance
(Reference)
I(A)
Standard
I(A)
High Surge
Standard
High
Surge
VAC
(V)
VDC
(V)
V1mA
(V)
IP
(A)
VC
(V)
1
Time
2
Times
1
Time
2
Times
(J)
Standard
(J)
High Surge
(W)
@1KHZ
(pf)
14D180K
14D180KJ
11
14
18(15~21.6)
10
36
1000
500
2000
1000
4.0
7.0
0.1
11100
14D220K
14D220KJ
14
18
22(19.5~26)
10
43
1000
500
2000
1000
5.0
8.0
0.1
9100
14D270K
14D270KJ
17
22
27(24~30)
10
53
1000
500
2000
1000
6.0
10.0
0.1
7400
14D330K
14D330KJ
20
26
33(29.5~36.5)
10
66
1000
500
2000
1000
7.5
12.0
0.1
6100
14D390K
14D390KJ
25
31
39(35~43)
10
77
1000
500
2000
1000
8.6
13.0
0.1
5100
14D470K
14D470KJ
30
38
47(42~54)
10
93
1000
500
2000
1000
10.0
17.0
0.1
4300
14D560K
14D560KJ
35
45
56(50~62)
10
100
1000
500
2000
1000
11.0
20.0
0.1
3600
14D680K
14D680KJ
40
56
68(61~75)
10
135
1000
500
2000
1000
14.0
24.0
0.1
2900
14D820K
14D820KJ
50
65
82(74~90)
50
135
4500
2500
6000
5000
22.0
27.0
0.6
2400
14D101K
14D101KJ
60
85
100(90~110)
50
165
4500
2500
6000
5000
28.0
33.0
0.6
2000
14D121K
14D121KJ
75
100
120(108~132)
50
200
4500
2500
6000
5000
32.0
40.0
0.6
1700
14D151K
14D151KJ
95
125
150(135~165)
50
250
4500
2500
6000
5000
40.0
53.0
0.6
1300
14D181K
14D181KJ
115
150
180(162~198)
50
300
4500
2500
6000
5000
50.0
60.0
0.6
1100
14D201K
14D201KJ
130
170
200(180~220)
50
340
4500
2500
6000
5000
57.0
70.0
0.6
1000
14D221K
14D221KJ
140
180
220(198~242)
50
360
4500
2500
6000
5000
60.0
78.0
0.6
900
14D241K
14D241KJ
150
200
240(216~264)
50
395
4500
2500
6000
5000
63.0
84.0
0.6
830
14D271K
14D271KJ
175
225
270(243~297)
50
455
4500
2500
6000
5000
70.0
99.0
0.6
740
14D301K
14D301KJ
190
250
300(270~330)
50
500
4500
2500
6000
5000
77.0
108
0.6
670
14D331K
14D331KJ
210
275
330(297~363)
50
550
4500
2500
6000
5000
85.0
115
0.6
610
14D361K
14D361KJ
230
300
360(324~396)
50
595
4500
2500
6000
5000
93.0
130
0.6
560
14D391K
14D391KJ
250
320
390(351~429)
50
650
4500
2500
6000
5000
100
140
0.6
510
14D431K
14D431KJ
275
350
430(387~473
50
710
4500
2500
6000
5000
115
155
0.6
460
14D471K
14D471KJ
300
335
470(423~517)
50
775
4500
2500
6000
5000
125
175
0.6
430
14D511K
14D511KJ
320
415
510(459~561)
50
845
4500
2500
6000
5000
125
180
0.6
390
14D561K
14D561KJ
350
460
560(504~616)
50
925
4500
2500
6000
5000
125
185
0.6
360
14D621K
14D621KJ
385
505
620(558~682)
50
1025
4500
2500
6000
5000
125
190
0.6
320
14D681K
14D681KJ
420
560
680(612~748)
50
1120
4500
2500
6000
5000
130
200
0.6
290
14D751K
14D751KJ
460
615
750(675~825)
50
1240
4500
2500
6000
5000
143
210
0.6
270
14D781K
14D781KJ
485
640
780(702~858)
50
1290
4500
2500
6000
5000
148
220
0.6
260
14D821K
14D821KJ
510
670
820(738~902)
50
1355
4500
2500
6000
5000
157
235
0.6
240
14D911K
14D911KJ
550
745
910(819~1001)
50
1500
4500
2500
6000
5000
175
255
0.6
220
14D102K
14D102KJ
625
825
1000(900~1100)
50
1650
4500
2500
6000
5000
190
280
0.6
200
14D112K
14D112KJ
680
895
1100(990~1210)
50
1814
4500
2500
6000
5000
213
310
0.6
180
14D122K
14D122KJ
750
990
1200(1080~1320)
50
1980
4500
2500
6000
5000
213
310
0.6
150
14D182K
14D182KJ
1000
1465
1800(1620~1980)
50
2970
4500
2500
6000
5000
250
335
0.6
130
Specifications
– General Characteristics (25±5ºC)


Similar Part No. - 14D331KJ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
14D331KJ HUAXINAN-14D331KJ Datasheet
427Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
14D331KJ LEIDITECH-14D331KJ Datasheet
1Mb / 4P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
14D331KJ UNSEMI-14D331KJ Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 14D331KJ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com