Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14D391KJ Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # 14D391KJ
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

14D391KJ Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  14D391KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 14D391KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 14D391KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 14D391KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
4 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
14D Series
Part Number
Quantity
Packaging Option
Packaging
Specification
14DXXXXX
500
Plastic bag
Bulk Pack
TABLE1
TABLE2
Symbol
Dimensions
Model
T(max.)
Model
T(max.)
H(max.)
20.0
180K
4.6
331K
5.8
H1(max.)
21.0
220K
4.7
361K
6.0
L(min.)
20.0
270K
4.8
391K
6.2
L1(min.)
15.0
330K
5.0
431K
6.5
D(max.)
16.5
390K
5.3
471K
6.7
D1(
±0.8)
7.5
470K
5.4
511K
6.8
T(max.)
TABLE2
560K
5.5
561K
7.0
d(
±0.05)
0.8
680K
5.6
621K
7.3
d1(
±0.4)
1.4
820K
4.7
681K
7.6
101K
4.9
751K
8.0
121K
5.1
781K
8.1
151K
5.4
821K
8.3
181K
4.8
911K
8.8
201K
5.0
102K
9.3
221K
5.1
112K
9.9
241K
5.2
122K
10.4
271K
5.4
182K
13.0
301K
5.5
-
-
Package Dimensions
Unit: mm
Packaging Information
Part Numbering
14 D XXX K J
J: High Surge, without: Standard
Tolerance:
K:
±10%, L: ±15%, M: ±20%
Varistor Voltage
Type:
D: Disk, S: Square
Element Diameter
Part Marking
14DXXXX
Product Type
Logo
VDE Accreditation Logo
UL Accreditation Logo


Similar Part No. - 14D391KJ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
14D391KJ HUAXINAN-14D391KJ Datasheet
427Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
14D391KJ LEIDITECH-14D391KJ Datasheet
1Mb / 4P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
14D391KJ UNSEMI-14D391KJ Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 14D391KJ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com