Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF42500T12LG24 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PF42500T12LG24
Description  Ventilateurs a filtre 94-169 pimin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PF42500T12LG24 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PF42500T12LG24 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PF42500T12LG24 Datasheet HTML 2Page - Hammond Manufacturing Ltd. PF42500T12LG24 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PF42500T12LG230
230V
18W
PFA 40000LG
4
PF42500T12LG24
24V
5W
PFA 40000LG
4
PF43000T12LG
115V
40W
PFA 40000LG
5
PF43000T12LG230
230V
39W
PFA 40000LG
5
PF43000T12LG24
24V
12W
PFA 40000LG
5
A irflow data
PF 42500
PF 43000
PFA 40000
Filter material
NEMA Type 12
Filtermat
NEMA Type 12
Filtermat
NEMA Type 12
Filtermat
Unimpeded airflow
94 CFM
169 CFM
-
Capacity free-flow
53 W/K
I88 W/K
-
Airflow in combination
67 CFM
142 CFM
-
(Filterfan + Exhaust Filter)
(PF 42500 + PFA
40000)
(PF 43000 + PFA
40000)
-
Capacity in combination
38 W/K
69 W/K
-
(Filterfan + Exhaust Filter)
(PF 43000 + PFA
40000)
(PF 43000 + PFA
40000)
-
Max. static pressure (Airflow = 0
m3/h)
49 Pa
112 Pa
-
Filtration efficiency
0.91
0.91
0.91
Filter material grade
G 4 (DIN EN 779)
G 4 (DIN EN 779)
G 4 (DIN EN 779)
Duty cycle
1
1
-
Technical data
PF 42500
PF 43000
PFA 40000
A C/DC
A C/DC
Outside dimensions in mm
252 x 252 x 97
252 x 252 x 113
252 x 252 x 38
(height x width x installation
depth)
Bearing type / Lagerart
ball bearings
ball bearings
-
Fitting position / Einbaulage
any, horizontal airflow preferred
any
Construction
housing and guard of sprayed thermoplastic, self-extinguishing, UL
94 VO
Weight
1.18 kg
1.67 kg
0.46 kg
Safety protection
in accordance with DIN 31 001
Color
RAL 7035, Light Grey
Connections / Anschlussart
cage clamp
cage clamp
-
Supplementary data
PF 42500
PF 43000
PFA 40000
Operating temperature
– 15 °C (- 5 °F) to / bis + 55 °C (+ 131 °F)
Storage temperature
– 20 °C (- 4 °F) to / bis + 70 °C (+ 158 °F)
Max. relative humidity
0.9
System of protection
NEMA Type 12, IP 55 (EN 60 529), when installed as specified
Basic Accessories
parts kit filter mat, user manual radiant heater, fan heater, thermostat,
hygrostat
Approvals
UL Recognized
* Tolerance installation
cutout
177 + 1/-0 thickness of material to 2 mm
178 + 1/-0 thickness of material > 2 mm < 3 mm
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - PF42500T12LG24

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PF42500T12LG24 HAMMOND-PF42500T12LG24 Datasheet
772Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PF42500T12LG24

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PF32 HAMMOND-PF32 Datasheet
169Kb / 2P
   Ventilateurs a filtre 65 pimin
PF11 HAMMOND-PF11 Datasheet
205Kb / 3P
   Ventilateurs a filtre 17-38 pimin
PF65 HAMMOND-PF65 Datasheet
169Kb / 3P
   Ventilateurs a filtre 297-560 pimin
PF33SL HAMMOND-PF33SL Datasheet
63Kb / 2P
   Ventilateurs a filtre compacts, 297-560 pimin
XPFA HAMMOND-XPFA Datasheet
82Kb / 2P
   Grilles pour ventilateurs a filtre
PTF60 HAMMOND-PTF60 Datasheet
140Kb / 3P
   Ventilateurs a filtre de toit, 266-485 pi/min
DNFF HAMMOND-DNFF Datasheet
62Kb / 1P
   ENSEMBLES DE VENTILATEUR A FILTRE
DNMF HAMMOND-DNMF Datasheet
68Kb / 1P
   VENTILATEURS AXIAUX A ENVELOPPE
DNFC HAMMOND-DNFC Datasheet
77Kb / 1P
   CORDONS DALIMENTATION POUR VENTILATEURS
logo
Gilway Technical Lamp
E169 GILWAY-E169 Datasheet
7Mb / 4P
   Engineering Catalog 169
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com