Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3150 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SA3150
Description  Mini Buccaneer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA3150 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SA3150 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA3150 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA3150 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA3150 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.bulgin.co.uk
31
BUCCANEER
CABLE ACCEPTANCE
Cable gland for 5-7mm fitted as standard.
Cable
Gland
Gland
Additional
Diameter
Part No.
Colour
Suffix
5-7mm
12023/1
White
Fitted as standard
3.5-5mm
12023/5
Grey
Suffix /04
6-8mm
12023
Black
Suffix /06
7-9mm
12023/2
Yellow
Suffix /07
Gland Pack
PX0812
Pack of 3 glands to suit cables
3.5-5mm, 6-8mm, 7-9mm dia
To order body with alternative cable gland add suffix to part no. e.g.
PX0800/06 = PX0800 body with cable gland to suit 6-8mm dia. cable.
HOW TO ORDER
Choose body type, check cable diameter and sealing gland size.
Determine contact carrier inserts. Choose number of poles, and type of
contacts (solder, crimp, screw terminal or BNC).
Choose pins or sockets. Solder and crimp contacts are supplied
separately in packs of ten.
Choose polarising/blanking pins. If required for solder/crimp contact
inserts. Supplied in packs of ten.
Is an insertion tool required (for solder or crimp contacts)?
Is a crimp tool required?
Is a sealing cap required?
SPECIFICATION
Electrical
Solder/Crimp Terminals
Screw Terminals
BNC
No Poles:
3, 8
2, 3
4
6
Current Rating:
5A
10A
6A
3A
Voltage Rating:
380V ac
250V ac
250V ac
250V ac
Contact Resistance:
<5m
Insulation Resistance:
>106M
Ω @ 500V d.c.
Voltage Proof:
2kV @ 50Hz
Operating Temp. Range:
–20°C to +70°C
Approvals:
Materials
Solder/Crimp Terminals
Screw Terminals
BNC
Body Mouldings:
Polyamide UL94V-0
Inserts:
Polyamide UL94V-0
Contacts:
Copper Alloy, Gold Plated (0.1µm) on Nickel
Brass, Nickel Plated
Brass, Silver Plated.
O Rings:
Nitrile
Mechanical
Solder/Crimp Terminals
Screw Terminals
BNC
Sealing:
Protection Classification IP68, BS EN60529:1992. Tested @ 1.054Kg/sq.in. (15lb/sq.in.) 10m depth for 2 weeks.
Cable Acceptance
5-7mm dia - standard gland
3.5-9mm dia - alternative glands
Contact Accommodation:
0.2 - 0.5mm2 (20 - 24 AWG)
1mm2 max (18 AWG)
50
Ω: RG58/CU,
URM43, URM76
75
Ω: URM70
Insertion Force (typical):
3 way:
5N (1.1lbf)
3 way: 45N (10lbf)
8 way:
14N (3.1lbf)
4 way: 50N (11lbf)
6 way: 140N (31lbf)
Withdrawal Force (typical):
3 way:
3N (0.66lbf)
3 way: 32N (7lbf)
8 way:
12N (2.6lbf)
4 way: 40N (9lbf)
6 way: 150N (34lbf)
Tightening Torques
Gland Nut, PX0800, 801:
1.13Nm (10lbf in)
Rear Nut, PX0802, 803, 804, 805:
0.7Nm min, 1.7Nm max (6.2lbf in min, 15lbf in max)
Sealing Cap, PX0810, 811:
0.23Nm min, 1.13Nm max (2lbf in min, 10lbf in max)
Mini Buccaneer® Contact Inserts and Accessories


Similar Part No. - SA3150

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
More results

Similar Description - SA3150

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
   BUCCANEER FOR POWER
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com