Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ19CA Datasheet(PDF) 10 Page - Socay Electornics Co., Ltd.

Part # SMCJ19CA
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMCJ19CA Datasheet(HTML) 10 Page - Socay Electornics Co., Ltd.

Back Button SMCJ19CA Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 7Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 8Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 9Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 10Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 11Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 12Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 13Page - Socay Electornics Co., Ltd. SMCJ19CA Datasheet HTML 14Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
www.socay.com
10
Surface Mount Transient Voltage Suppressors (TVS)
SMCJ Series
5.0 To 440 V
1500W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMCJ5.0
SMCJ5.0C
GDD
BDD
5.0
6.40
7.30
10
9.6
156.25
1000
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.00
10
9.2
163.04
1000
SMCJ6.0
SMCJ6.0C
GDF
BDF
6.0
6.67
8.15
10
11.4
131.58
1000
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.37
10
10.3
145.63
1000
SMCJ6.5
SMCJ6.5C
GDH
BDH
6.5
7.22
8.82
10
12.3
121.95
500
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
7.98
10
11.2
133.93
500
SMCJ7.0
SMCJ7.0C
GDL
BDL
7.0
7.78
9.51
10
13.3
112.78
200
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.60
10
12.0
125.00
200
SMCJ7.5
SMCJ7.5C
GDN
BDN
7.5
8.33
10.20
1
14.3
104.90
100
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.21
1
12.9
116.28
100
SMCJ8.0
SMCJ8.0C
GDQ
BDQ
8.0
8.89
10.90
1
15.0
100.00
50
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
9.83
1
13.6
110.29
50
SMCJ8.5
SMCJ8.5C
GDS
BDS
8.5
9.44
11.50
1
15.9
94.34
20
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.40
1
14.4
104.17
20
SMCJ9.0
SMCJ9.0C
GDU
BDU
9.0
10.00
12.20
1
16.9
88.76
10
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.00
11.10
1
15.4
97.40
10
SMCJ10
SMCJ10C
GDW
BDW
10.0
11.10
13.60
1
18.8
79.79
5
SMCJ10A
SMCJ10CA
GDX
BDX
10.0
11.10
12.30
1
17.0
88.24
5
SMCJ11
SMCJ11C
GDY
BDY
11.0
12.20
14.90
1
20.1
74.63
5
SMCJ11A
SMCJ11CA
GDZ
BDZ
11.0
12.20
13.50
1
18.2
82.42
5
SMCJ12
SMCJ12C
GED
BED
12.0
13.30
16.30
1
22.0
68.18
5
SMCJ12A
SMCJ12CA
GEE
BEE
12.0
13.30
14.70
1
19.9
75.38
5
SMCJ13
SMCJ13C
GEF
BEF
13.0
14.40
17.60
1
23.8
63.03
5
SMCJ13A
SMCJ13CA
GEG
BEG
13.0
14.40
15.90
1
21.5
69.77
5
SMCJ14
SMCJ14C
GEH
BEH
14.0
15.60
19.10
1
25.8
58.14
5
SMCJ14A
SMCJ14CA
GEK
BEK
14.0
15.60
17.20
1
23.2
64.66
5
SMCJ15
SMCJ15C
GEL
BEL
15.0
16.70
20.40
1
26.9
55.76
5
SMCJ15A
SMCJ15CA
GEM
BEM
15.0
16.70
18.50
1
24.4
61.48
5
SMCJ16
SMCJ16C
GEN
BEN
16.0
17.80
21.80
1
28.8
52.08
5
SMCJ16A
SMCJ16CA
GEP
BEP
16.0
17.80
19.70
1
26.0
57.69
5
SMCJ17
SMCJ17C
GEQ
BEQ
17.0
18.90
23.10
1
30.5
49.18
5
SMCJ17A
SMCJ17CA
GER
BER
17.0
18.90
20.90
1
27.6
54.35
5
SMCJ18
SMCJ18C
GES
BES
18.0
20.00
24.40
1
32.2
46.58
5
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.00
22.10
1
29.2
51.37
5
SMCJ19
SMCJ19C
GEA
BEA
19.0
21.13
25.76
1
34.0
44.10
5
SMCJ19A
SMCJ19CA
GEB
BEB
19.0
21.10
23.30
1
30.8
48.73
5
SMCJ20
SMCJ20C
GEU
BEU
20.0
22.20
27.10
1
35.8
41.90
5
SMCJ20A
SMCJ20CA
GEV
BEV
20.0
22.20
24.50
1
32.4
46.30
5
SMCJ22
SMCJ22C
GEW
BEW
22.0
24.40
29.80
1
39.4
38.07
5
SMCJ22A
SMCJ22CA
GEX
BEX
22.0
24.40
26.90
1
35.5
42.25
5
SMCJ24
SMCJ24C
GEY
BEY
24.0
26.70
32.60
1
43.0
34.88
5
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.70
29.50
1
38.9
38.56
5
SMCJ26
SMCJ26C
GFD
BFD
26.0
28.90
35.30
1
46.6
32.19
5
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.90
31.90
1
42.1
35.63
5
SMCJ28
SMCJ28C
GFF
BFF
28.0
31.10
38.00
1
50.0
30.00
5
SMCJ28A
SMCJ28CA
GFG
BFG
28.0
31.10
34.40
1
45.4
33.04
5
SMCJ30
SMCJ30C
GFH
BFH
30.0
33.30
40.70
1
53.5
28.04
5
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.30
36.80
1
48.4
30.99
5
SMCJ33
SMCJ33C
GFL
BFL
33.0
36.70
44.90
1
59.0
25.42
5
SMCJ33A
SMCJ33CA
GFM
BFM
33.0
36.70
40.60
1
53.3
28.14
5
SMCJ36
SMCJ36C
GFN
BFN
36.0
40.00
48.90
1
64.3
23.33
5
SMCJ36A
SMCJ36CA
GFP
BFP
36.0
40.00
44.20
1
58.1
25.82
5
SMCJ40
SMCJ40C
GFQ
BFQ
40.0
44.40
54.30
1
71.4
21.01
5
SMCJ40A
SMCJ40CA
GFR
BFR
40.0
44.40
49.10
1
64.5
23.26
5
SMCJ43
SMCJ43C
GFS
BFS
43.0
47.80
58.40
1
76.7
19.56
5
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.80
52.80
1
69.4
21.61
5
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - SMCJ19CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ19CA LITTELFUSE-SMCJ19CA Datasheet
220Kb / 5P
   Transient Voltage Suppression Diodes
logo
Socay Electornics Co., ...
SMCJ19CA SOCAY-SMCJ19CA Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMCJ19CA LUGUANG-SMCJ19CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ19CA LUGUANG-SMCJ19CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ19CA LUGUANG-SMCJ19CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ19CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com