Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4491 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A4491
Description  Triple Output Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4491 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A4491 Datasheet HTML 1Page - Allegro MicroSystems A4491 Datasheet HTML 2Page - Allegro MicroSystems A4491 Datasheet HTML 3Page - Allegro MicroSystems A4491 Datasheet HTML 4Page - Allegro MicroSystems A4491 Datasheet HTML 5Page - Allegro MicroSystems A4491 Datasheet HTML 6Page - Allegro MicroSystems A4491 Datasheet HTML 7Page - Allegro MicroSystems A4491 Datasheet HTML 8Page - Allegro MicroSystems A4491 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
Designed to provide the power supply requirements of printers,
office automation, industrial, and portable equipment, the
A4491providesthreehighcurrent,highperformance,switching
regulator outputs in a single package, saving space, cost and
component count.
High frequency switching allows selection of inexpensive
inductors and small ceramic output capacitors. The turn-on
cycles of the regulators are interleaved to minimize stresses on
the input capacitors and to reduce EMI. Independent Enable
pins simplify power sequencing and shutdown capabilities,
and a power-on-reset (POR) circuit with user configurable
delay indicates when enabled regulators are in specification.
4491-DS, Rev. 1
Features and Benefits
▪ Three buck converters in a single package
▪ 4.5 to 23 V input voltage range
▪ 550 kHz fixed frequency
▪ Multiphase switching for smaller components and
lower EMI
▪ Independent control of each converter for sequencing and
shutdown control
▪ Power-on-reset flag with adjustable delay
▪ Internal compensation to minimize components and
simply design
▪ 4 × 4 mm QFN Package, small PCB footprint
Triple Output Step-Down Switching Regulator
Package: 20-contact QFN (suffix ES)
Applications:
▪ Photo, inkjet, and portable printers
• Set-top boxes
• Tablet computing
• Other Consumer Electronics applications
• Point-of-sale applications
• Security systems
• Gaming machines
• Other Industrial applications
A4491
Approximate size
Microcontroller or
Controller Logic
VBB
GND
CP1 CP2
VCP
PGND
PORZ
ENB1
ENB2
ENB3
CPOR
VREG1
VREG2
VREG3
VDD
A4491
VBB2
LX2
FB2
VBB3
LX3
FB3
VBB1
LX1
FB1
Typical Application
Continued on the next page…


Similar Part No. - A4491

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4491 ALLEGRO-A4491 Datasheet
399Kb / 16P
   Designed to provide the power supply requirements of printers, office automation, industrial, and portable equipment, the A4491 provides three high current,
More results

Similar Description - A4491

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
logo
STMicroelectronics
GS-R51212 STMICROELECTRONICS-GS-R51212 Datasheet
102Kb / 5P
   20W TRIPLE OUTPUT STEP-DOWN SWITCHING REGULATOR
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com