Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8512-B-GM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI8512-B-GM
Description  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8512-B-GM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI8512-B-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8512-B-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Si85xx
4
Preliminary Rev. 0.4
1. Electrical Specifications
Table 1. Electrical Specifications
TA = –40 to +125 ºC (typical specified at 25 ºC), VDD = 3 V (±10%) to 5 V (±10%), f = 400 kHz, unless specified
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
2.7
5.5
V
Supply Current
Fully enabled,
input frequency = 1 MHz
4
7
mA
Undervoltage Lockout (VUVLO)
2.1
2.3
2.5
V
Undervoltage Lockout Hysteresis
(VHYST)
100
mV
Logic Input HIGH Level
MODE, R1, R2, R3, R4 inputs
(TTL compatible)
2.0
V
Logic Input LOW Level
0.8
V
Reset Time (tR)
Time for 5% initial accuracy
150
ns
Reset Time Resistor Range1
15
2500
k
R1, R2, R3, R4 Input Rise Time (tRR)
30
ns
R1, R2, R3, R4 Input Fall Time (tFR)
30
ns
Measurement Watchdog Timeout (tWD)
30
50
80
µs
Series Input Resistance
Measured from IIN to IOUT
1.3
m
Series Inductance
Measured from IIN to IOUT
2
nH
Input/Output Delay1
OUT, OUT1, OUT2 delay relative to
input
150
200
ns
Start-Up Self-Cal Delay (tCAL)
1
Time from VDD = VUVLO + VHYST to
cal complete
150
200
µs
Input Common Mode Voltage Range
(dc) 1
4x4 mm QFN
1000
VRMS
SOIC-20
5000
VRMS
Operating Input Frequency Range (f)1
50
1000
kHz
DC Power Supply Rejection Ratio
40
db
Sensitivity @ VDD = 3 V
Si8501/11/17
404
mV/A
Si8502/12/18
202
mV/A
Si8503/13/19
101
mV/A
Sensitivity @ VDD = 5 V
Si8501/11/17
392
mV/A
Si8502/12/18
196
mV/A
Si8503/13/19
98
mV/A
Notes:
1. Guaranteed by design and/or characterization.
2. Maximum output load is not recommended to exceed 200 pF and 5 k
.
3. Production tested at 400 kHz (50% duty cycle) at VDD = 3.3 V.
4. See "2.4. Total Measurement Error" on page 11 for more information.


Similar Part No. - SI8512-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8512-B-GM SILABS-SI8512-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Similar Description - SI8512-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com