Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6413258F10V Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6413258F10V
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6413258F10V Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6413258F10V Datasheet HTML 7Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 8Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 9Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 10Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 11Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 12Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 13Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 14Page - Renesas Technology Corp HD6413258F10V Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 301 page
background image
Section 1. Overview
1.1 Overview
The H8/325 Series is a series of single-chip microcomputers integrating a CPU core together with a
variety of peripheral functions needed in control systems.
The H8/300 CPU is a high-speed processor featuring powerful bit-manipulation instructions,
ideally suited for realtime control applications. The on-chip supporting modules include ROM,
RAM, two types of timers (16-bit free-running timer and 8-bit timer), a serial communication
interface, I/O ports, and a parallel handshaking interface. The on-chip memory sizes of the three
chips in the H8/325 Series are:
H8/3257: 60-kbyte ROM; 2-kbyte RAM
H8/3256: 48-kbyte ROM; 2-kbyte RAM
H8/325: 32-kbyte ROM; 1-kbyte RAM
H8/324: 24-kbyte ROM; 1-kbyte RAM
H8/323: 16-kbyte ROM; 512-byte RAM
H8/322: 8-kbyte ROM; 256-byte RAM
The H8/325 Series can operate in single-chip mode or in two expanded modes, depending on the
memory requirements of the application. The operating mode is referred to in this manual as the
MCU mode (MCU: MicroComputer Unit).
The H8/3257, H8/3256, H8/325, H8/323, and H8/322 are available in a masked ROM version, or a
ZTAT™* version with electrically programmable ROM that can be programmed at the user site.
* ZTAT is a registered trademark of Hitachi, Ltd.
1


Similar Part No. - HD6413258F10V

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6413258F HITACHI-HD6413258F Datasheet
11Mb / 246P
   Single-Chip Microcomputers
logo
Renesas Technology Corp
HD6413258F RENESAS-HD6413258F Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
HD6413258F RENESAS-HD6413258F Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
HD6413258F RENESAS-HD6413258F Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
More results

Similar Description - HD6413258F10V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17358A-E RENESAS-HA17358A-E Datasheet
125Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
List of Unclassifed Man...
E702360_SH7058 ETC-E702360_SH7058 Datasheet
2Mb / 321P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Hitachi Semiconductor
HA17431 HITACHI-HA17431 Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
2SK3235 RENESAS-2SK3235 Datasheet
69Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
List of Unclassifed Man...
HA16129AFPJ ETC-HA16129AFPJ Datasheet
151Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HD6473228P10V RENESAS-HD6473228P10V Datasheet
1Mb / 301P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com