Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8517-C-GM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI8517-C-GM
Description  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8517-C-GM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI8517-C-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI8517-C-GM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Si85xx
8
Preliminary Rev. 0.4
Figure 1. SOIC-20 Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
Table 7. Thermal Characteristics
Parameter
Symbol
Test Condition
SOIC-20
4x4 mm
QFN
Unit
IC Junction-to-Air Thermal Resistance
JA
85
55
°C/W
Table 8. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Units
Storage temperature
TSTG
–65
+150
°C
Ambient temperature under bias
TA
–40
+125
°C
Junction Temperature
TJ
150
°C
Supply voltage
VDD
5.75
V
Voltage on any pin with respect to ground
(not including IIN, IOUT)
VIN
–0.5
VDD + 0.5
V
Output Current Drive
LO
——
10
mA
Lead solder temperature (10 s)
260
ºC
Maximum Input Current Rate of Change
1000
A/µs
Maximum Peak AC Input Current Limit
200
A
Thermal Limit (DC Current)2
30
A
Maximum Isolation Voltage (QFN)
1400
VRMS
Maximum Isolation Voltage (SOIC-20)
6000
VRMS
ESD (CDM)
JEDEC (JESD22-C101C)
–1.5
+1.5
kV
ESD (HBM)
JEDEC (JESD22-A114E)
–2500
+2500
V
ESD (MM)
JEDEC (JESD22-A115A)
–250
+ 250
V
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2. Refer to “AN329: Extending the Full-Scale Range of the Si85xx” for more information.
0200
150
100
50
40
20
0
Case Temperature (ºC)
10
30
VDD = 5.5 V
IIN to IOUT = 20 Amps


Similar Part No. - SI8517-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8517-B-GM SILABS-SI8517-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Similar Description - SI8517-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com