Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM02B-SURS-TF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM02B-SURS-TF
Description  0.8mm pitch/Disconnectable Insulation displacement connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM02B-SURS-TF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM02B-SURS-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers SM02B-SURS-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SUR CONNECTOR
0.8
1.7
2.9
0.8
A
B
Circuit No.1
Circuits
Q'ty / box
Material and Finish
Contact: Copper alloy, tin-plated (reflow treatment)
Housing: PA, UL94V-0
2
3
4
5
6
8
10
12
14
15
16
17
20
22
02SUR-32S
03SUR-32S
04SUR-32S
05SUR-32S
06SUR-32S
08SUR-32S
10SUR-32S
12SUR-32S
14SUR-32S
15SUR-32S
16SUR-32S
17SUR-32S
20SUR-32S
22SUR-32S
02SUR-36L
03SUR-36L
04SUR-36L
05SUR-36L
06SUR-36L
08SUR-36L
10SUR-36L
12SUR-36L
14SUR-36L
15SUR-36L
16SUR-36L
17SUR-36L
20SUR-36L
22SUR-36L
0.8
1.6
2.4
3.2
4.0
5.6
7.2
8.8
10.4
11.2
12.0
12.8
15.2
16.8
2.4
3.2
4.0
4.8
5.6
7.2
8.8
10.4
12.0
12.8
13.6
14.4
16.8
18.4
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
Model No.
#32(Natural)
#36(Lemon yellow)
Dimensions (mm)
AB
0.6
1
2
A
B
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA, UL94V-0, natural
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Circuits
Model No.
Top entry type
Side entry type
Dimensions (mm)
AB
2
3
4
5
6
8
10
12
14
15
16
17
20
22
BM02B-SURS-TF
BM03B-SURS-TF
BM04B-SURS-TF
BM08B-SURS-TF
BM10B-SURS-TF
BM12B-SURS-TF
BM15B-SURS-TF
BM20B-SURS-TF
SM02B-SURS-TF
SM03B-SURS-TF
SM04B-SURS-TF
SM05B-SURS-TF
SM06B-SURS-TF
SM08B-SURS-TF
SM10B-SURS-TF
SM12B-SURS-TF
SM14B-SURS-TF
SM15B-SURS-TF
SM16B-SURS-TF
SM17B-SURS-TF
SM20B-SURS-TF
SM22B-SURS-TF
0.8
1.6
2.4
3.2
4.0
5.6
7.2
8.8
10.4
11.2
12.0
12.8
15.2
16.8
3.8
4.6
5.4
6.2
7.0
8.6
10.2
11.8
13.4
14.2
15.0
15.8
18.2
19.8
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
Q'ty / reel
Top entry type Side entry type
0.2
0.8
2.7
1
1
A
B
0.45
Circuit No.1
Socket
RoHS compliance This product displays (LF)(SN) on a label.
Note: The products listed above are supplied on embossed-tape.
Top entry type
Side entry type
Shrouded header
RoHS compliance


Similar Part No. - SM02B-SURS-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-SHLS-TF ETC2-SM02B-SHLS-TF Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
SM02B-SRSS-TB ETC1-SM02B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
logo
Lightel Technologies IN...
SM02B-SRSS-TB LIGHTEL-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM02B-SRSS-TB ETC2-SM02B-SRSS-TB Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - SM02B-SURS-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
BM02B-SRSS-TB ETC1-BM02B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
06HR-6S-P-N ETC2-06HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com