Electronic Components Datasheet Search |
|
HOA7720 Datasheet(PDF) 5 Page - Honeywell Accelerometers |
|
HOA7720 Datasheet(HTML) 5 Page - Honeywell Accelerometers |
5 / 18 page SD1410(L) SD2410 SD3410 SD5410 SDP8105 SDP8106 Package style coaxial, leaded case miniature pill TO-46 flat window TO-46 dome lensed T1 side-detecting Angular response 24° 48° 90° 12° 50° 50° Light current minimum 0.6 mA 1 mA 0.6 mA 2 mA 0.5 mA 1 mA Dark current 250 nA 250 nA 250 nA 250 nA 250 nA 250 nA Rise/fall time 75 ms typ. 75 ms typ. 75 ms typ. 75 ms typ. 75 ms typ. 75 ms typ. Mounting configuration through-hole through-hole through-hole through-hole through-hole through-hole Termination style 0.018 in round leads 0.062 in hole 0.018 in round leads 0.018 in round leads 0.020 in sq leads 0.020 in sq leads HOA096X/HOA097X HOA696X/HOA697X HOA698X/HOA699X HOA7720/HOA7730 Housing type (material) transmissive/opaque transmissive/opaque transmissive/opaque transmissive Sensor aperture 1,52 mm x 0,25 mm [0.06 in x 0.01 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,52 mm x 0,25 mm [0.06 in x 0.01 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,52 mm x 0,25 mm [0.06 in x 0.01 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,78 mm x 0,51 mm [0.07 in x 0.02 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] Slot width 3,18 mm [0.125 in] 3,18 mm [0.125 in] 3,18 mm [0.125 in] 3 mm [0.118 in] Output (type) 10 kOhm pull-up open collector/totem-pole 10 kOhm pull-up open collector/totem-pole 10 kOhm pull-up totem-pole/open collector Output logic buffer/inverter buffer/inverter buffer/inverter inverter Supply voltage (range) 4.5 V to 10 V 4.5 V to 7 V 4.5 V to 12 V 4.5 V to 5.5 V Rise/fall time 60 ns tr/15 ns tf 70 ns tr/70 ns tf 70 ns tr/70 ns tf 70 ns tr/70 ns tf Propagation delay 5 ms 5 ms 5 ms 5 ms Mounting configuration N, L, T, P mounting options N, L, T, P mounting options N, L, T, P mounting options mounting tabs Termination style 0.020 in sq leads 0.020 in sq leads 26 AWG wire leads integral 3-pin connector www.honeywell.com/sensing 5 Photodarlington Detectors Optoschmitt Sensors |
Similar Part No. - HOA7720 |
|
Similar Description - HOA7720 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |