Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA7730 Datasheet(PDF) 9 Page - Honeywell Accelerometers

Part # HOA7730
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA7730 Datasheet(HTML) 9 Page - Honeywell Accelerometers

Back Button HOA7730 Datasheet HTML 5Page - Honeywell Accelerometers HOA7730 Datasheet HTML 6Page - Honeywell Accelerometers HOA7730 Datasheet HTML 7Page - Honeywell Accelerometers HOA7730 Datasheet HTML 8Page - Honeywell Accelerometers HOA7730 Datasheet HTML 9Page - Honeywell Accelerometers HOA7730 Datasheet HTML 10Page - Honeywell Accelerometers HOA7730 Datasheet HTML 11Page - Honeywell Accelerometers HOA7730 Datasheet HTML 12Page - Honeywell Accelerometers HOA7730 Datasheet HTML 13Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HLC2701
HLC2705
Type
side-looking
side-looking
Output option
speed/direction (A-B output)
speed/direction (tach output)
Resolution
0,03 mm [0.009 in]
0,46 mm [0.018 in]
Package style (plastic)
pc mount
pc mount
Tach pulse width
3
ms to 20 ms
Tach pulse level, active
0.4 V
Output rise/fall time
100 ns
Supply voltage
4.5 V to 5.5 V
4.5 V to 5.5 V
Mounting configuration
through-hole
through-hole
Termination style
0.020 in sq leads
0.020 in sq leads
www.honeywell.com/sensing
9
Encoder Detectors
HOA0901
HOA0902
Type
sensor
sensor
Output option
speed/direction (A-B output)
speed/direction (tach output)
Resolution
0,03 mm [0.009 in]
0,46 mm [0.018 in]
Package style (transmissive)
pc mount
pc mount
Tach pulse width
3
ms to 20 ms
Tach pulse level, active
0.4 V
Output rise/fall time
100 ns
Infrared emitter trigger current
<15 mA
<15 mA
Supply voltage
4.5 V to 5.5 V
4.5 V to 5.5 V
Mounting configuration
dual mounting tabs (-012 or no tab pcb mount) (-011)
dual mounting tabs (-012 or no tab pcb mount) (-011)
Termination style
0.020 in sq leads
0.020 in sq leads
Transmissive
Encoders


Similar Part No. - HOA7730

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA7730 HONEYWELL-ACC-HOA7730 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - HOA7730

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com