Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY91 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZY91
Description  SILICON POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZY91 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZY91 Datasheet HTML 1Page - Diodes Incorporated ZY91 Datasheet HTML 2Page - Diodes Incorporated ZY91 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S21406 Rev. E-3
3 of 3
ZY11-ZY200
V ZENER VOLTAGE (V)
Fig. 1 Zener Breakdown Characteristics
Z,
T = 25 °C
j
240
120
80
40
10
200
160
0
515
ZY 12
0
Test Current
50 mA
60
30
10
0
0
40
50
20
10
20
40
30
50
V ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z,
ZY15
ZY18 ZY22
ZY27
ZY33
ZY39
ZY47
10 mA
Test Current
25 mA
T = 25°C
j
0
100
200
See Note 1
T , AMBIENT TEMPERATURE, °C
Fig. 4 Power Derating Curve
A
2
1
0
T = 25 °C
j
150
10
200V
50
100
0
0
ZY68
ZY100
ZY120
ZY150
ZY180
ZY200
5mA
ZY56
ZY82
Test Current
10 mA
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
V ZENER VOLTAGE (V)
Fig. 3 Zener Breakdown Characteristics
Z,
20


Similar Part No. - ZY91

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZY91 GE-ZY91 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Shanghai Semitech Semic...
ZY91 SEMITECH-ZY91 Datasheet
48Kb / 2P
   Low leakage current
logo
Diotec Semiconductor
ZY91 DIOTEC-ZY91 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY91 EIC-ZY91 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY91 VISHAY-ZY91 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
More results

Similar Description - ZY91

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BZP61 ZETEX-BZP61 Datasheet
188Kb / 4P
   Silicon Power Zener Diode
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
   Silicon Power Zener Diode
logo
Shenzhen Taychipst Elec...
ZY11 TAYCHIPST-ZY11 Datasheet
8Mb / 3P
   SILICON POWER ZENER DIODE
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
   SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com